TSH-31-R
AI

The **TSH-31-R** is an electronic component primarily classified as a **Momentary Tactile Switch**. It is widely used in consumer electronics, automotive controls, and industrial interfaces due to its compact surface-mount design and reliable physical feedback.
Below is a detailed breakdown of its electronic and mechanical specifications.
---
### 1. Technical Specifications
The following table outlines the electrical and physical characteristics of the TSH-31-R:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Tactile (Momentary) |
| **Contact Rating** | 50mA @ 12V DC |
| **Contact Resistance** | 100mΩ Max |
| **Insulation Resistance** | 100MΩ Min @ 100V DC |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Operating Force** | 160gf (±50gf) |
| **Travel (Stroke)** | 0.25mm ± 0.1mm |
| **Operating Life** | 50,000 to 100,000 cycles |
---
### 2. Physical Design & Mounting
The "R" in the part number often denotes **RoHS compliance** or specific **Reel packaging** for automated assembly.
* **Mounting Type:** Surface Mount Device (SMD/SMT). It is designed to be soldered directly onto the top layer of a PCB.
* **Terminals:** Typically features 4 lead pins (internally connected in pairs) to provide mechanical stability on the board.
* **Dimensions:** Usually follows a standard miniature footprint (e.g., 3mm x 6mm or 6mm x 6mm), making it ideal for high-density circuit boards.
---
### 3. Circuit Schematic
The internal structure is a simple **SPST (Single Pole Single Throw)** normally open circuit.
```text
(Pin 1) ----+---- (Pin 2)
|
[---] <-- Actuator/Dome
|
(Pin 3) ----+---- (Pin 4)
```
*When the button is pressed, the metal dome collapses and bridges the connection between the top and bottom pins.*
---
### 4. Common Applications
* **Consumer Electronics:** Power buttons on remote controls, volume buttons on tablets.
* **Automotive:** Dashboard controls and key fobs.
* **Peripherals:** Reset buttons on routers or mode selection switches on printers.
* **Medical Devices:** Control panels for portable diagnostic tools.
- ⤷
What is the footprint size of the TSH-31-R for PCB layout?
- ⤷ Can the TSH-31-R be used in AC high-voltage applications?
- ⤷ What are the recommended soldering temperature profiles for this SMD switch?