công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TS-65-R

  • AI
    The **TS-65-R** refers to a specific series of miniature, right-angle tactile switches. These components are fundamental in electronics for providing user input through a physical "click" or tactile sensation. ### 1. Component Overview The "TS" stands for **Tactile Switch**, "65" typically denotes the series size (approximately 6x6mm), and "R" stands for **Right Angle**, indicating that the button is pressed parallel to the PCB rather than vertically. --- ### 2. Technical Specifications Below is a typical specification table for the TS-65-R series: | Feature | Specification | | :--- | :--- | | **Dimensions** | 6.0mm x 6.6mm (Base) | | **Mounting Type** | Through-hole (THT) | | **Orientation** | Right Angle (Side-actuated) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Operating Force** | 160gf to 250gf (typical) | | **Current Rating** | 50mA @ 12V DC | | **Travel distance** | 0.25mm ± 0.1mm | | **Life Expectancy** | 50,000 to 100,000 cycles | --- ### 3. Key Electronic Characteristics * **Momentary Action:** These are "normally open" switches. The circuit is only closed while the button is being physically held down. * **Contact Resistance:** Usually very low (less than 100mΩ), ensuring minimal signal loss. * **Insulation Resistance:** High (usually >100MΩ at 100V), preventing accidental leakage between pins. * **Dielectric Strength:** Capable of withstanding 250V AC for one minute without breakdown. --- ### 4. Typical Pin Configuration The TS-65-R usually features four pins, but internally it operates as a 2-pin switch. The pins are paired for mechanical stability: ```text [ Button Side ] /-------\ (1) | | (2) <-- Internally connected | | (3) | | (4) <-- Internally connected \-------/ ``` * When the button is pressed, the connection is made between the **(1,2)** pair and the **(3,4)** pair. --- ### 5. Common Applications Due to its right-angle design, the TS-65-R is ideal for edge-mounted controls on devices: * **Reset Buttons:** Often found on the side of routers or development boards (like Arduino/ESP32). * **Consumer Electronics:** Volume buttons on portable speakers or handheld devices. * **Industrial Controls:** Side-mounted interface triggers on diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What are the footprints for the TS-65-R in PCB design software like KiCad or Altium?
    • ⤷ How do I debounce a TS-65-R switch in a microcontroller circuit?
    • ⤷ What are the environmental temperature limits for the TS-65-R switch?