AI

The **TS-323-R** is a high-performance, single-phase, industrial-grade Solid State Relay (SSR) typically used for switching resistive or inductive loads. Below is a detailed breakdown of its electronic components, specifications, and internal architecture.
### 1. Key Technical Specifications
The "R" suffix usually denotes a **Random-on** switching capability (as opposed to Zero-Cross), making it suitable for phase control or highly inductive loads.
| Parameter | Specification |
| :--- | :--- |
| **Control Voltage** | 3 - 32 VDC (Standard Logic Level) |
| **Load Voltage Range** | 24 - 480 VAC |
| **Rated Load Current** | 25A - 40A (Model dependent, usually 25A) |
| **Switching Type** | Random-on (Phase Control compatible) |
| **Dielectric Strength** | 2500 VAC (Input to Output) |
| **Operating Temp** | -30°C to +80°C |
---
### 2. Internal Electronic Architecture
An SSR like the TS-323-R is comprised of three main stages:
#### A. Input Circuit (Control Side)
* **Optoisolator:** The core component. It uses an internal LED and a phototransistor/phototriac to transfer the control signal via light, ensuring no electrical connection between the DC control circuit and the AC load.
* **Current Limiting Resistor:** Protects the internal LED from high current when 32V is applied.
* **Reverse Polarity Diode:** Protects the input if the DC wires are connected backward.
#### B. Trigger Circuit
* **Random Turn-on Circuit:** Unlike Zero-Cross SSRs, this circuit allows the device to turn on immediately upon receiving a signal, regardless of the AC sine wave position. This is essential for dimming or speed control applications.
#### C. Output Circuit (Power Side)
* **TRIAC or Back-to-Back Thyristors (SCRs):** These are the heavy-duty semiconductors that handle the actual AC current. Back-to-back SCRs are preferred for industrial models like the TS-323-R because they dissipate heat better and handle higher surge currents than a single TRIAC.
* **RC Snubber Network:** An internal Resistor-Capacitor circuit that protects the SCRs from voltage spikes ($dv/dt$) caused by inductive loads (like motors or transformers).
---
### 3. Physical Components & Materials
* **Baseplate:** Typically made of high-thermal-conductivity aluminum or copper. It acts as the primary heat sink interface.
* **Encapsulation:** The internals are potted in a high-grade epoxy resin to protect against moisture, vibration, and dust.
* **LED Indicator:** A small surface-mount LED on the faceplate to indicate when the control voltage is active.
---
### 4. Wiring Diagram Representation
The TS-323-R follows the standard "Hockey Puck" footprint:
```text
[ LOAD ]
(1) (2)
| |
--+----------+--
| |
| TS-323-R |
| |
--+----------+--
(3) (4)
| |
[ + ] [ - ]
(DC CONTROL)
```
---
- ⤷What is the difference between Zero-Cross and Random-on switching for this model?
- ⤷ Does the TS-323-R require an external heat sink for 25A loads?
- ⤷ How do I test if the internal SCR of the TS-323-R has failed?