công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TS-323-R

  • AI
    The **TS-323-R** typically refers to a high-precision, rack-mounted AC power source or a specialized electronic relay component, depending on the specific industrial manufacturer (often associated with brands like *Adaptive Power Systems* or *Toshiba*). Based on the most common industrial application for this part number (AC Power Sources/Frequency Converters), here is an explanation of its core electronic architecture. --- ## 1. Core Electronic Architecture The TS-323-R is designed using a **Double Conversion** topology to ensure clean power delivery. | Section | Key Electronic Components | Function | | :--- | :--- | :--- | | **Input Stage** | Rectifiers & EMI Filters | Converts incoming AC to stable DC; removes line noise. | | **Inverter Stage** | IGBTs (Insulated Gate Bipolar Transistors) | Uses Pulse Width Modulation (PWM) to recreate a clean AC sine wave. | | **Control Logic** | Microprocessors / DSPs | Manages voltage regulation, frequency stability, and fault protection. | | **Output Stage** | Isolation Transformers & LC Filters | Provides galvanic isolation and smooths the PWM signal into a pure sine wave. | --- ## 2. Key Internal Components ### A. Power Modules (IGBTs) The heart of the device is the **IGBT module**. These act as high-speed electronic switches. By switching on and off thousands of times per second (PWM), they can simulate different frequencies (e.g., 50Hz, 60Hz, or 400Hz) regardless of the input frequency. ### B. Filtering Network * **Inductors (L) and Capacitors (C):** These form an "LC Filter" at the output. This is crucial for removing the high-frequency switching noise created by the IGBTs, ensuring the output "Total Harmonic Distortion" (THD) is extremely low. ### C. Protection Circuitry The "R" suffix often denotes a **Rack-mount** or **Remote-capable** version, which includes additional interface electronics: * **Opto-isolators:** To protect the internal logic board from external voltage spikes during remote communication. * **Current Transducers:** Hall-effect sensors that monitor output current in real-time to trigger "Over-Current Protection" (OCP). --- ## 3. Technical Specifications Summary | Feature | Description | | :--- | :--- | | **Phase Configuration** | Generally Single-Phase or Three-Phase (model dependent). | | **Cooling System** | Forced air cooling with variable speed DC fans controlled by thermistors. | | **Communication Bus** | RS-232, USB, or GPIB interfaces for automated test equipment (ATE) integration. | | **Display Module** | Vacuum Fluorescent Display (VFD) or LCD for real-time monitoring of V, A, and W. | --- ## 4. Maintenance Electronic Parts When servicing or repairing a TS-323-R, the following components are considered high-wear: 1. **Electrolytic Capacitors:** These have a finite lifespan and are used in the DC bus for smoothing. 2. **Relays/Contactors:** Mechanical parts that handle the final output connection; these can suffer from contact pitting over time. 3. **Cooling Fans:** Failure of these components usually triggers an "Over-Temperature" (OTP) fault.
    ✨ Follow-up Questions
    • ⤷ What are the common failure modes for the IGBT modules in this unit?
    • ⤷ How do I calibrate the output voltage via the RS-232 interface?
    • ⤷ Is the TS-323-R compatible with 400Hz aerospace testing?