TRD695SCR-R-10
AI

The **TRD695SCR-R-10** is a specific model of an industrial-grade Ethernet cable assembly manufactured by **L-com**. Unlike internal electronic components (like ICs or resistors), this is a finished interconnect solution designed for high-performance networking in harsh environments.
Below is a breakdown of its electronic and physical specifications.
---
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Category** | Cat6 (Category 6) |
| **Connector Type** | RJ45 (Plug) to RJ45 (Plug) |
| **Shielding Type** | S/FTP (Overall Braid + Foil shielded pairs) |
| **Conductor Gauge** | 26 AWG |
| **Jacket Material** | LSZH (Low Smoke Zero Halogen) |
| **Length** | 10 Feet (Approx. 3.05 Meters) |
| **Color** | Red |
| **Frequency Rating** | Up to 250 MHz |
---
### 2. Key Electronic Features
#### Double Shielding (S/FTP)
The "SCR" in the part number refers to its screening/shielding properties.
- **Internal:** Each of the four twisted pairs is wrapped in individual foil shielding.
- **External:** An overall tinned copper braid covers all pairs.
- **Benefit:** This provides maximum protection against **EMI (Electromagnetic Interference)** and **RFI (Radio Frequency Interference)**, which is critical in industrial settings near large motors or power cables.
#### 26 AWG Stranded Conductors
The cable uses 26 AWG stranded copper. Stranded wire is more flexible than solid-core wire, making this cable ideal for patch applications where the cable may be bent or moved frequently.
#### Cat6 Performance
It is rated for 1 Gigabit Ethernet (1000Base-T) performance. The internal geometry is designed to minimize **Crosstalk (NEXT)**, ensuring data integrity at high speeds.
---
### 3. Material & Safety Characteristics
* **LSZH Jacket:** The "R" in the suffix often denotes the specific jacket type (Red, LSZH). Low Smoke Zero Halogen materials are used in confined spaces or poorly ventilated areas. In the event of a fire, they release very little smoke and no toxic halogens.
* **Gold Plated Contacts:** The RJ45 connectors feature 50-micro-inch gold plating to prevent corrosion and ensure a stable electronic connection over time.
* **Molded Boots:** The connectors include "snagless" molded boots that protect the locking tab and provide strain relief for the internal wire terminations.
---
### 4. Typical Applications
* Industrial Automation (PLC to Switch communication).
* Data centers with high EMI environments.
* Military or Aerospace ground support equipment.
* Telecommunications rooms where LSZH fire safety is mandated.
- ⤷
What is the difference between S/FTP and UTP shielding in Cat6 cables?
- ⤷ Does this cable support Power over Ethernet (PoE) applications?
- ⤷ Are there alternative jacket colors available for this specific L-com series?