TR2-6-R
AI

The **TR2-6-R** is a specific electronic component belonging to the **TR2 Series** of subminiature, through-hole fuses. It is manufactured by **Eaton (formerly Bussmann)**.
Below is a detailed breakdown of its specifications, physical properties, and typical applications.
---
## 1. Technical Specifications
The part number "TR2-6-R" encodes specific electrical characteristics.
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Subminiature Through-Hole Fuse |
| **Current Rating** | 6 Amperes (6A) |
| **Voltage Rating (AC)** | 125 Volts |
| **Voltage Rating (DC)** | 125 Volts |
| **Fuse Characteristic** | Time-Delay (Slow Blow) |
| **Interrupting Rating** | 50A at 125Vac/dc |
| **Resistance (Typical)** | ~0.010 Ohms |
| **RoHS Compliant** | Yes (Indicated by the "-R" suffix) |
---
## 2. Physical Characteristics
The TR2 series is designed for space-constrained PCB (Printed Circuit Board) layouts.
### Form Factor
* **Package Type:** Subminiature radial leaded (often referred to as a "micro fuse").
* **Body Material:** Thermoplastic body with tin-plated copper leads.
* **Mounting:** Through-hole soldering.
### Dimensions (Approximate)
* **Diameter:** ~8.5 mm
* **Height:** ~8 mm
* **Lead Spacing:** 5.08 mm
---
## 3. Key Performance Features
1. **Time-Delay (Slow-Blow):** Unlike "Fast-Acting" fuses, the TR2-6-R can withstand temporary current surges (inrush current) without blowing. This is essential for circuits containing motors or capacitors that draw high current momentarily upon startup.
2. **Board Space Efficiency:** Its vertical orientation and small footprint save significant "real estate" on a PCB compared to traditional glass tube fuses and clips.
3. **Reliability:** It is designed to meet UL 248-14 standards for supplemental overcurrent protection.
---
## 4. Typical Applications
The TR2-6-R is commonly found in the following electronic environments:
* **Power Supplies:** Protecting the input/output stages of AC-DC adapters.
* **Consumer Electronics:** Televisions, monitors, and audio equipment.
* **Industrial Controllers:** Protecting sensitive logic boards from overcurrent events.
* **Chargers:** Battery charging circuits where moderate current (6A) is managed.
---
- ⤷What is the difference between the TR2-6-R and a fast-acting fuse of the same rating?
- ⤷ Can the TR2-6-R be used in automotive 12V DC applications?
- ⤷ What are the soldering temperature recommendations for this specific radial fuse?