TPI13067F-R82M
AI

The **TPI13067F-R82M** is a high-current, flat-wire power inductor typically used in high-frequency DC-DC converters, voltage regulator modules (VRMs), and server applications. It is manufactured by companies like **Sumida** or similar high-reliability electronic component firms.
---
### ## Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.82 µH (820 nH) |
| **Tolerance** | ±20% (M) |
| **DC Resistance (DCR)** | ~0.50 mΩ (Typical) |
| **Saturation Current ($I_{sat}$)** | ~60A - 70A (Typical) |
| **Heat Rating Current ($I_{rms}$)** | ~50A |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | ~13.5 x 13.0 x 6.7 mm |
---
### ### Key Electronic Features
1. **Flat Wire Technology:**
The "F" in the part number often signifies the use of flat copper wire. This reduces the **Skin Effect** at high frequencies and allows for a lower DC Resistance (DCR) compared to round wire, leading to higher efficiency.
2. **Magnetic Core Composition:**
It utilizes a Mn-Zn (Manganese-Zinc) or similar ferrite core structure designed for low core loss at high switching frequencies (up to several MHz).
3. **High Saturation ($I_{sat}$):**
The component is engineered to handle massive spikes in current without the inductance dropping significantly, which is critical for protecting power stages in CPUs and GPUs.
4. **SMD Design:**
The part is a Surface Mount Device (SMD) with a shielded construction to minimize Electromagnetic Interference (EMI) with neighboring components.
---
### ### Application Use-Cases
The TPI13067F-R82M is found in high-performance power circuits, specifically:
* **Point of Load (POL) Converters:** Providing stable voltage to microprocessors.
* **Voltage Regulator Modules (VRM):** Used on motherboards and high-end server blades.
* **Multi-phase Buck Converters:** Used in parallel to provide hundreds of Amperes to high-power chips.
---
### ### Part Number Breakdown (Example Logic)
* **TPI:** Series prefix (High Current Inductor).
* **13067:** Physical dimensions (roughly 13mm x 13mm x 6.7mm).
* **F:** Flat wire construction.
* **R82:** Inductance value ($0.82 \mu H$).
* **M:** Tolerance ($\pm 20\%$).
- ⤷
What are the direct equivalents for this inductor from other manufacturers like Vishay or Coilcraft?
- ⤷ How does the flat wire design impact the thermal performance compared to standard wire?
- ⤷ What is the specific saturation curve profile for the 0.82uH variant?