TPI13067F-R68M
AI

The **TPI13067F-R68M** is a high-current, flat-wire power inductor typically used in automotive and industrial power electronics. It belongs to a category of "Power Inductors" designed for high-frequency DC-DC converters.
---
### 1. Technical Specifications
The part number follows a specific nomenclature. Here are the core electronic characteristics:
| Parameter | Value / Specification |
| :--- | :--- |
| **Inductance** | 0.68 µH (indicated by "R68") |
| **Tolerance** | ±20% (indicated by "M") |
| **DCR (Direct Current Resistance)** | Very Low (typically < 1.0 mΩ) |
| **Saturation Current ($I_{sat}$)** | Very High (typically 40A - 60A range) |
| **Operating Temperature** | -40°C to +125°C or +150°C |
| **Construction** | Shielded, Flat-wire winding |
---
### 2. Key Internal Components
The performance of this part is driven by two main physical aspects:
* **Magnetic Core Material:** Usually composed of a high-permeability metal alloy powder. This material allows for soft saturation, meaning the inductance doesn't drop off instantly when high current is applied.
* **Flat-Wire Winding:** Unlike traditional round wire, flat copper wire increases the cross-sectional area while keeping the component height low. This significantly reduces **DCR**, minimizing heat loss ($P = I^2 R$).
* **Molded Shielding:** The coil is encapsulated in the magnetic powder, providing excellent EMI (Electromagnetic Interference) shielding and structural integrity.
---
### 3. Typical Applications
Because of its high current handling and low profile, the TPI13067F-R68M is found in:
1. **Voltage Regulator Modules (VRMs):** Powering CPUs and GPUs in industrial servers.
2. **Automotive Electronics:** Infotainment systems and ADAS (Advanced Driver Assistance Systems).
3. **DC-DC Converters:** Point-of-Load (POL) converters where high efficiency is required.
---
### 4. Circuit Representation
In a schematic, this component is represented as a standard inductor, but with specific emphasis on its polarity (if marked) and current rating.
```spice
* Example SPICE sub-circuit representation
L1 Node1 Node2 0.68u
R_series Node2 Node3 0.0005 ; Representing the low DCR
```
- ⤷
What are the specific dimensions of the TPI13067F series package?
- ⤷ How does 'soft saturation' in this inductor differ from ferrite core inductors?
- ⤷ What is the recommended solder profile for this SMD component?