TPI13067F-R40M
AI

The **TPI13067F-R40M** is a high-current, fixed power inductor primarily used in voltage regulator modules (VRMs) and DC-DC converters. It is designed for high-frequency power electronics applications where efficiency and compact size are critical.
---
### 1. Technical Specifications
The part number follows a specific coding convention that defines its electrical and physical properties.
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.40 µH (Microhenries) |
| **Tolerance** | ±20% |
| **DC Resistance (DCR)** | Typ: 0.165 mΩ / Max: 0.185 mΩ |
| **Saturation Current ($I_{sat}$)** | ~61A to 80A (depending on temperature rise) |
| **Operating Temperature** | -40°C to +125°C |
| **Dimensions** | Approx. 13.5 x 13.0 x 6.7 mm |
---
### 2. Key Features and Materials
The "TPI" series is known for its **ferrite core construction**, which offers several advantages over traditional iron powder inductors:
* **Flat Wire Technology:** It utilizes a flat copper wire winding. This increases the surface area, reducing the **Skin Effect** and significantly lowering DC resistance (DCR), which minimizes power loss.
* **High Saturation:** The core is engineered to handle high current spikes without the inductance dropping off sharply.
* **Low Core Loss:** Ferrite materials provide lower core losses at high frequencies compared to composite materials, making it ideal for multi-phase buck converters.
* **Shielded Construction:** The part is magnetically shielded to minimize Electromagnetic Interference (EMI) with surrounding components.
---
### 3. Common Applications
This inductor is typically found in high-demand computing and industrial environments:
1. **Server & Data Centers:** Used in VRMs (Voltage Regulator Modules) for CPUs and GPUs.
2. **Point of Load (POL) Converters:** High-efficiency power supplies located near the integrated circuits they power.
3. **Graphic Cards:** Providing stable current for high-performance processing units.
4. **Telecommunications:** Base station power modules where reliability and efficiency are paramount.
---
### 4. Part Number Breakdown (Typical)
* **TPI:** Series Name (Trans-Power Inductor).
* **13067:** Physical dimensions (13mm x 6.7mm height).
* **F:** Core Material/Series Designator (often denotes Ferrite).
* **R40:** Inductance value (R40 = 0.40 µH).
* **M:** Tolerance (M = ±20%).
- ⤷
What is the significance of the flat wire winding in this inductor?
- ⤷ How does saturation current affect the performance of the TPI13067F-R40M?
- ⤷ What are the primary differences between ferrite and iron powder cores in power inductors?