TPI07030F-R15M
AI

## TPI07030F-R15M Electronic Component Overview
The **TPI07030F-R15M** is a high-current, surface-mount (SMD) power inductor. These components are typically used in power management circuits, such as DC-DC converters, to store energy and filter high-frequency noise.
---
### 1. Technical Specifications
Below is a breakdown of the key electrical and physical characteristics of this part:
| Parameter | Value / Description |
| :--- | :--- |
| **Inductance** | 0.15 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M' suffix) |
| **Inductance Code** | R15 |
| **Component Type** | Shielded Power Inductor |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Dimensions** | Approx. 7.0 x 7.0 x 3.0 mm (Series 07030) |
---
### 2. Part Number Breakdown
The nomenclature for these inductors usually follows a specific manufacturer pattern (often associated with brands like Taiyo Yuden or similar high-current inductor manufacturers):
* **TPI**: Series designation (typically Power Inductor).
* **07030**: Physical size (7.0mm x 7.0mm footprint, 3.0mm height).
* **F**: Designates material type or specific construction (often ferrite or composite).
* **R15**: Inductance value (R = decimal point; 0.15 µH).
* **M**: Tolerance (M = ±20%).
---
### 3. Key Electronic Features
1. **High Current Handling:** Due to the low inductance (0.15 µH), this part is designed to handle very high saturation currents ($I_{sat}$) and heating currents ($I_{rms}$), often exceeding 20-30 Amperes depending on the specific series.
2. **Magnetic Shielding:** The "F" series usually features a shielded construction, which minimizes electromagnetic interference (EMI) with surrounding components.
3. **Low DCR (DC Resistance):** Because it has very few windings, the internal resistance is extremely low, leading to high efficiency and minimal heat generation.
4. **High Switching Frequency:** Small inductance values like 0.15 µH are optimized for modern, high-speed switching power supplies (MHz range).
---
### 4. Common Applications
This inductor is typically found in the following circuits:
* **Voltage Regulator Modules (VRMs):** Used in CPU/GPU power delivery on motherboards.
* **Point of Load (POL) Converters:** For stepping down voltage near the integrated circuit.
* **High-Efficiency DC-DC Converters:** Used in telecommunications and server hardware.
---
- ⤷
What is the maximum saturation current (Isat) for the TPI07030F-R15M?
- ⤷ How does the R15 inductance value affect the ripple current in a buck converter?
- ⤷ Which manufacturers are the primary suppliers for the TPI series inductors?