AI

The **Advantech TPC-317-RJ22A** is an industrial-grade 17" Touch Panel PC designed for automation and HMI (Human Machine Interface) applications. Below is a detailed breakdown of its electronic components and hardware architecture.
---
### 1. Core Processing Unit
The system is built on the Intel Elkhart Lake platform, providing a balance between power efficiency and processing capability for industrial tasks.
| Component | Specification |
| :--- | :--- |
| **CPU** | Intel® Celeron® J6412 (Quad-core, up to 2.6 GHz) |
| **RAM** | 1x DDR4 SO-DIMM (Supports up to 32 GB, 3200 MHz) |
| **Storage Interface** | 1x M.2 (M-Key, SATA or NVMe PCIe Gen3 x2) |
| **OS Support** | Windows 10/11 IoT Enterprise, Linux (Ubuntu) |
---
### 2. Display and Touch Panel
The electronic display system is designed for high durability in harsh environments.
* **Display Type:** 17" SXGA TFT LED LCD.
* **Resolution:** 1280 x 1024.
* **Touch Controller:** Projected Capacitive (P-CAP) 10-point multi-touch.
* **Electronic Durability:** The front panel is IP66-rated, protecting the electronics against water and dust ingress.
* **Backlight Life:** Rated for approximately 50,000 hours.
---
### 3. I/O Connectivity & Circuitry
The I/O section manages data communication between the PC and industrial machinery.
* **Ethernet:** 2x 10/100/1000 Mbps RJ45 ports (Intel i210/i211 controllers).
* **USB Ports:** 2x USB 3.2 (Gen 2) and 2x USB 2.0.
* **Serial Ports:** 1x RS-232, 1x RS-232/422/485 (DB9) for legacy machine communication.
* **Expansion Slots:**
* 1x M.2 (B-Key 3042/3052) for 5G/LTE modules.
* 1x M.2 (E-Key 2230) for Wi-Fi/Bluetooth modules.
---
### 4. Power Electronics
Industrial PCs require robust power regulation to handle voltage spikes and dirty power common in factories.
* **Input Voltage:** 24VDC (±20% tolerance).
* **Power Consumption:** Typically 25W–35W depending on load.
* **Protection Circuitry:** Built-in isolation and protection against over-voltage and reverse polarity.
* **Chassis Grounding:** The electronic assembly is housed in a die-cast aluminum alloy front bezel to dissipate heat and provide EMI shielding.
---
### 5. Specialized Features (iDoor Technology)
The TPC-317-RJ22A supports **Advantech iDoor modules**, which are electronic expansion cards that allow for:
* Industrial Fieldbus protocols (PROFINET, EtherCAT, CANOpen).
* Additional Digital I/O (DI/O).
* Extra communication ports (MRAM or PoE).
- ⤷
What are the compatible iDoor modules for fieldbus communication?
- ⤷ Does this model support NVMe storage for faster data logging?
- ⤷ What are the specific power supply requirements for a cabinet installation?