công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TPC-317-R873A

  • AI
    The **TPC-317-R873A** is an industrial Touch Panel PC (often associated with Advantech's TPC series). It is designed for Human-Machine Interface (HMI) applications in harsh industrial environments. Below is a breakdown of its primary electronic components and technical specifications. --- ### 1. Core Processing & Memory The "R873A" configuration typically identifies a specific revision of the internal motherboard and CPU suite. | Component | Specification | Description | | :--- | :--- | :--- | | **CPU** | Intel® Core™ i7-8665UE | A Quad-core processor (8th Gen) optimized for low power and high performance. | | **RAM** | DDR4 SO-DIMM | Supports up to 32GB or 64GB depending on the specific board revision. | | **Storage** | M.2 NVMe / SATA | High-speed SSD interface for OS and data logging. | | **TPM** | TPM 2.0 | Hardware-based security chip for data encryption. | --- ### 2. Display and Touch Interface This part defines the visual interaction and the durability of the front panel. * **LCD Panel:** Usually a 17" SXGA TFT LED display with a resolution of 1280 x 1024. * **Touch Controller:** Features a 5-wire resistive touch screen (durable for gloved use) or a Projected Capacitive (P-CAP) multi-touch sensor. * **Backlight:** High-luminance LED with an MTBF (Mean Time Between Failures) of approximately 50,000 hours. --- ### 3. Connectivity and I/O Ports The electronic interface at the rear provides industrial communication protocols. * **Ethernet:** Dual 10/100/1000 Mbps RJ45 ports (often Intel i210/i219 chips). * **Serial Ports:** RS-232/422/485 ports (DB9) for PLC and sensor communication. * **USB:** Mix of USB 3.0 (Blue) for high-speed data and USB 2.0 for peripherals. * **Expansion:** iDoor technology support, allowing for add-on modules like Fieldbus (CANOpen, EtherCAT) or additional Wi-Fi/LTE. --- ### 4. Power and Environment Protection Industrial computers require specific electronic protection circuits. * **Voltage Input:** Wide range DC input (typically 24VDC ± 20%). * **Isolation:** Electronic isolation for I/O ports to prevent damage from ground loops or power surges. * **IP Rating:** The front bezel is usually **IP66 rated**, meaning the electronics are protected against dust and high-pressure water jets. --- ### 5. Circuit Board Features (Internal) * **Watchdog Timer:** A hardware circuit that automatically resets the system if the software hangs. * **BIOS:** AMI UEFI BIOS with hardware monitoring (Voltage, Temperature). * **Fanless Design:** Uses a large internal aluminum heat sink to dissipate heat from the CPU without mechanical fans, reducing dust intake. ---
    ✨ Follow-up Questions
    • ⤷ What are the compatible mounting options for the TPC-317 series?
    • ⤷ Does this model support Windows 11 and Linux Ubuntu?
    • ⤷ How do I expand the I/O using the iDoor module system?