công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TNETV2685FIBZUT9

  • AI
    The **TNETV2685FIBZUT9** is a high-performance Digital Signal Processor (DSP) from Texas Instruments (TI), part of the DaVinci™ digital media processor family. It is specifically engineered for high-density infrastructure applications such as video conferencing, media gateways, and video surveillance. --- ### 1. Key Technical Specifications The device is built on the **TMS320C64x+™** DSP core, optimized for complex mathematical operations required in video and image processing. | Feature | Specification | | :--- | :--- | | **Core Architecture** | TMS320C64x+™ DSP | | **Clock Speed** | Up to 1.1 GHz (depending on specific revision) | | **Internal Memory** | L1P, L1D, and large L2 Cache/RAM | | **Package Type** | 625-pin FCBGA (Flip Chip Ball Grid Array) | | **Voltage Supply** | Core: ~1.1V - 1.2V / I/O: 1.8V or 3.3V | | **Operating Temperature** | -40°C to 100°C (Industrial Grade) | --- ### 2. Major Internal Components The architecture is designed to handle multiple channels of high-definition video simultaneously. * **DSP Core (C64x+):** The heart of the chip, capable of performing millions of instructions per cycle using Very Long Instruction Word (VLIW) architecture. * **Video and Imaging Coprocessor (VICP):** Offloads complex video tasks like motion estimation, DCT/IDCT, and loop filtering from the main DSP core. * **Memory Controller:** Supports high-speed external memories such as DDR2, which is critical for buffering high-definition video frames. * **Enhanced DMA (EDMA3):** Manages data transfers between internal and external memory without interrupting the CPU, maximizing throughput. --- ### 3. Peripheral Interfaces The TNETV2685 is highly integrated, reducing the need for external bridge chips. * **Ethernet MAC:** For high-speed networking and VoIP/Video-over-IP applications. * **PCI/HPI:** Parallel interfaces for communication with a host processor. * **I2C/SPI/UART:** Standard low-speed serial interfaces for sensor integration and system management. * **Video Ports:** Dedicated interfaces for digital video input and output. --- ### 4. Typical Use Cases * **Carrier-Grade Media Gateways:** Transcoding between different video formats (e.g., H.264 to MPEG-4). * **Multi-point Control Units (MCU):** Managing large-scale video conference calls with multiple participants. * **Digital Video Servers:** High-end security systems requiring real-time analytics. --- ### 5. Part Number Decoding (TNETV2685FIBZUT9) While TI part numbers are complex, here is a general breakdown of this specific string: * **TNETV:** TI's designation for Video/Infrastructure DSPs. * **2685:** The specific model/performance tier. * **ZUT:** Refers to the physical package (Plastic Ball Grid Array, Lead-Free). * **9:** Usually indicates the speed grade (900 MHz to 1.1 GHz).
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the TNETV2685 and the standard TMS320C64x series?
    • ⤷ Which software development kits (SDKs) are used to program this DSP?
    • ⤷ What are the power consumption characteristics of the TNETV2685 at peak load?