AI

The **TMPC0502HP-R68MG-D** is a high-current, shielded power inductor typically used in DC-DC converters, power supplies, and voltage regulator modules (VRMs).
### 1. Part Number Breakdown
Understanding the nomenclature helps identify the physical and electrical characteristics of the component:
| Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **TMPC** | Series Name | Tai-Tech Molded Power Choke (High Performance) |
| **0502** | Physical Size | Approx. 5.4mm x 5.2mm |
| **HP** | Type/Material | High Power / High Saturation series |
| **R68** | Inductance Value | 0.68 µH |
| **M** | Tolerance | ±20% |
| **G** | Plating/Standard | Green (RoHS compliant / Halogen-free) |
| **D** | Internal Code | Manufacturing or Design revision code |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer batch, the "0502HP-R68" generally follows these parameters:
* **Inductance:** 0.68 µH
* **DC Resistance (DCR):** Typically very low (approx. 10–15 mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** The current at which inductance drops by ~30%. Usually ranges between **10A to 15A** for this size.
* **Heat Rating Current ($I_{rms}$):** The current that causes a 40°C temperature rise. Usually around **8A to 12A**.
* **Operating Temperature:** Typically -40°C to +125°C.
---
### 3. Key Features & Construction
#### **Molded Construction**
Unlike traditional wire-wound inductors with an open core, the TMPC series uses a **metal powder molding** technology. The copper coil is placed inside a mold, and magnetic iron powder is pressed around it.
* **Magnetic Shielding:** The molded body acts as a natural shield, reducing Electromagnetic Interference (EMI).
* **Ruggedness:** Higher resistance to mechanical shock and vibration.
* **Acoustic Noise Reduction:** The solid structure minimizes "buzzing" caused by magnetostriction.
#### **Soft Saturation**
Because of the iron powder core, the inductor exhibits "soft saturation." Instead of a sharp drop in inductance when the current limit is reached, it decreases gradually, protecting the circuit from sudden current spikes.
---
### 4. Typical Applications
The TMPC0502HP-R68MG-D is designed for high-density power electronics where space is limited but current demands are high:
1. **Laptops and Tablets:** CPU/GPU core power supplies.
2. **Point of Load (POL) Converters:** Converting 12V or 5V rails to lower voltages (1.8V, 1.2V, etc.).
3. **Graphic Cards:** High-efficiency VRM phases.
4. **SSD Power Supplies:** Providing stable current in a compact footprint.
---
- ⤷What is the difference between R68 and 1R0 in this series?
- ⤷ How does 'soft saturation' benefit a DC-DC converter circuit?
- ⤷ Are there specific PCB footprint requirements for the 0502 size?