TMHC0604LF-R82MN-D
AI

The **TMHC0604LF-R82MN-D** is a high-current, low-profile power inductor typically used in DC-DC converter applications. It belongs to the category of molded power inductors, known for their compact size and excellent magnetic shielding.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the component's physical and electrical characteristics:
| Code Segment | Meaning | Specification |
| :--- | :--- | :--- |
| **TMHC** | Series Name | High-current molded inductor series |
| **0604** | Case Size | Approx. 6.6mm x 6.4mm |
| **LF** | Lead-Free | RoHS compliant / Lead-free termination |
| **R82** | Inductance Value | **0.82 µH** (R denotes decimal point) |
| **M** | Tolerance | **±20%** |
| **N** | Internal Code | Manufacturer specific manufacturing code |
| **D** | Packaging | Typically denotes Tape & Reel packaging |
---
### 2. Technical Specifications
While exact values can vary slightly by manufacturer (often Cyntec or similar brands), the typical specs for an R82 molded inductor in this frame size are:
* **Inductance:** 0.82 µH
* **DC Resistance (DCR):** Low (typically 3.0mΩ - 5.0mΩ) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High (approx. 15A - 22A). This is the current at which inductance drops by 30%.
* **Rated Current ($I_{rms}$):** High (approx. 12A - 16A). Based on temperature rise (usually 40°C).
* **Operating Temperature:** -55°C to +125°C (including self-heating).
---
### 3. Key Features & Construction
1. **Molded Structure:** The coil is embedded in a metallic magnetic powder. This design eliminates "acoustic noise" (buzzing) and provides a closed magnetic path for low EMI (Electromagnetic Interference).
2. **Low Profile:** The "04" in 0604 usually indicates a height of roughly 4.0mm, making it suitable for thin electronic devices.
3. **High Efficiency:** The use of flat wire or specialized powder cores results in very low DCR, reducing heat generation during high-load operations.
---
### 4. Common Applications
This part is commonly found in power management circuits for:
* **Laptops and Tablets:** CPU/GPU core power supplies.
* **Servers:** High-efficiency point-of-load (POL) converters.
* **Automotive:** Infotainment and ADAS power modules.
* **Telecommunications:** Distributed power systems and base stations.
---
- ⤷
What are the direct equivalents or alternatives for the TMHC0604 series?
- ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
- ⤷ What is the specific maximum height for the '0604' package size?