công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TL594-S16-R

  • AI
    ## Overview of the TL594-S16-R The **TL594-S16-R** is a high-precision Pulse Width Modulation (PWM) control circuit. It is an improved version of the industry-standard TL494, incorporating higher accuracy and enhanced features for power supply control. ### Key Specifications | Parameter | Specification | | :--- | :--- | | **Package Type** | SOP-16 (Small Outline Package, 16 pins) | | **Supply Voltage ($V_{CC}$)** | 7V to 40V | | **Output Current** | 200 mA (Maximum) | | **Oscillator Frequency** | 1 kHz to 300 kHz | | **Output Type** | Common-emitter or Emitter-follower | | **Reference Voltage** | 5.0V (Accuracy ±1%) | --- ### Internal Architecture and Components The TL594-S16-R integrates all the primary functions required for a switching power supply (SMPS) control circuit: 1. **Error Amplifiers**: It contains two error amplifiers that monitor output voltage or current. They compare a feedback signal against a reference to adjust the duty cycle. 2. **Adjustable Oscillator**: The switching frequency is set by an external resistor ($R_T$) and capacitor ($C_T$). 3. **Dead-Time Control (DTC)**: A dedicated comparator provides a fixed or variable dead-time to prevent "shoot-through" (where both output transistors are on simultaneously). 4. **Output Control Logic**: This block allows the device to operate in either **Single-Ended** mode (both outputs switch in parallel) or **Push-Pull** mode (outputs switch alternately). 5. **Reference Regulator**: Provides a stable 5V internal supply for logic and external biasing. --- ### Pin Configuration (SOP-16) | Pin # | Name | Function | | :--- | :--- | :--- | | 1 | IN+ (Amp 1) | Non-inverting input of Error Amplifier 1 | | 2 | IN- (Amp 1) | Inverting input of Error Amplifier 1 | | 3 | Feedback | Input for compensation and feedback loop | | 4 | DTC | Dead-time control input | | 5 | CT | External timing capacitor | | 6 | RT | External timing resistor | | 7 | GND | Ground | | 8 | C1 | Collector of Output Transistor 1 | | 9 | E1 | Emitter of Output Transistor 1 | | 10 | E2 | Emitter of Output Transistor 2 | | 11 | C2 | Collector of Output Transistor 2 | | 12 | VCC | Positive supply voltage | | 13 | Output Ctrl | Selects Single-ended (GND) or Push-pull (Vref) | | 14 | REF | 5V Reference output | | 15 | IN- (Amp 2) | Inverting input of Error Amplifier 2 | | 16 | IN+ (Amp 2) | Non-inverting input of Error Amplifier 2 | --- ### Applications * **DC-DC Converters**: Used in step-up (boost) and step-down (buck) converters. * **AC-DC Power Supplies**: Found in PC power supplies and industrial adapters. * **Inverters**: Converting DC battery power to AC. * **Motor Control**: Precise speed control via PWM signals.
    ✨ Follow-up Questions
    • ⤷ What is the main difference between the TL594 and the standard TL494?
    • ⤷ How do you calculate the switching frequency for this chip?
    • ⤷ Can this IC be used for synchronous rectification?