công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TL431-AB3-R

  • AI
    ### TL431-AB3-R: Electronic Overview The **TL431-AB3-R** is a precision programmable shunt voltage reference. It acts essentially as a Zener diode with an adjustable breakdown voltage, controlled by an external resistor network. The suffix "AB3-R" typically denotes specific tolerance grades, package types (SOT-89), and tape-and-reel packaging. --- ### 1. Key Technical Specifications The device is characterized by its stability and precision. Below are the standard parameters for the "A" grade variant: | Parameter | Specification | | :--- | :--- | | **Reference Voltage ($V_{ref}$)** | 2.495 V (Typical) | | **Output Voltage Range** | $V_{ref}$ to 36 V | | **Tolerance** | ±1% (Grade A) | | **Sink Current Capability** | 1.0 mA to 100 mA | | **Dynamic Impedance** | 0.22 $\Omega$ (Typical) | | **Operating Temperature** | -40°C to +125°C (Standard) | | **Package Type** | SOT-89 (AB3 Designation) | --- ### 2. Pin Configuration The TL431 in the SOT-89 package (AB3) follows a specific layout to handle heat dissipation and signal routing: 1. **REF (Reference):** The input pin that compares the voltage to the internal 2.495V bandgap reference. 2. **Cathode:** The "positive" terminal in a shunt configuration; it sinks current. 3. **Anode:** The "negative" terminal, usually connected to the common ground. --- ### 3. Functional Operation The device operates based on a high-gain operational amplifier driving an NPN transistor. * **Adjustment Logic:** If the voltage at the **REF** pin rises above 2.495V, the device increases current flow from Cathode to Anode. * **Formula:** To set the output voltage ($V_{out}$), a voltage divider is placed across the Cathode, Ref, and Anode: $$V_{out} = V_{ref} \times \left(1 + \frac{R1}{R2}\right) + I_{ref} \times R1$$ *(Note: $I_{ref}$ is usually small enough to be neglected in basic calculations.)* --- ### 4. Typical Applications The TL431-AB3-R is a versatile component found in almost every modern power supply circuit: * **Shunt Regulator:** Providing a stable voltage rail for low-current circuits. * **Optocoupler Driver:** Used in the feedback loop of Switch Mode Power Supplies (SMPS) to provide isolated voltage regulation. * **Voltage Monitoring:** Acting as a comparator to trigger an undervoltage or overvoltage alarm. * **Constant Current Source:** When paired with a pass transistor. --- ### 5. Part Number Breakdown (UTC Standard) * **TL431:** Base Part Number (Precision Reference). * **A:** 1% Voltage Tolerance. * **B3:** SOT-89 Package. * **R:** Tape and Reel (Packaging method).
    ✨ Follow-up Questions
    • ⤷ What is the minimum cathode current required for stable regulation in the TL431?
    • ⤷ How do you calculate the resistor values for a 5V output using this device?
    • ⤷ What are the stability concerns when adding a bypass capacitor to the Cathode pin?