công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TL1093G-AB3-R

  • AI
    ## TL1093G-AB3-R Electronic Components Overview The **TL1093G-AB3-R** is a specific integrated circuit, typically categorized as a **High-Precision Adjustable Shunt Regulator**. It is widely used in power management circuits to provide stable reference voltages. --- ### 1. Key Technical Specifications The "AB3" and "R" suffixes generally denote the package type and the packaging method (Tape & Reel). Below are the typical specifications for this class of device: | Parameter | Specification | | :--- | :--- | | **Reference Voltage ($V_{ref}$)** | 2.495V (Typical) | | **Output Voltage Range** | $V_{ref}$ to 36V | | **Output Current Range** | 1.0mA to 100mA | | **Package Type** | SOT-89 (Commonly "AB3") | | **Temperature Stability** | Low temperature drift across full range | | **Dynamic Impedance** | 0.2 $\Omega$ (Typical) | --- ### 2. Functional Pins In an SOT-89 package, the device usually features three functional terminals. These are essential for its operation as a programmable Zener diode: 1. **Cathode (K):** The positive terminal for current flow into the regulator. 2. **Anode (A):** The common/ground terminal. 3. **Reference (Ref):** The input used to set the output voltage via a divider network. --- ### 3. Circuit Application The TL1093 functions by comparing the voltage at the **Reference** pin to an internal bandgap reference. If the voltage at Ref exceeds the internal threshold, the device increases current flow from Cathode to Anode to maintain regulation. #### Example Calculation for Output Voltage ($V_{out}$): To set a specific voltage, two external resistors ($R1$ and $R2$) are used: ```text Vout = Vref * (1 + R1/R2) + Iref * R1 ``` *(Note: Since Iref is usually very small, it is often ignored in basic calculations.)* --- ### 4. Common Use Cases * **Switching Power Supplies (SMPS):** Used in the feedback loop (often paired with an optocoupler). * **Voltage Monitoring:** Acts as a precision threshold detector. * **Current Limiting:** Can be configured to regulate current in linear power stages. * **Zener Diode Replacement:** Provides a much sharper "knee" and better stability than standard Zeners.
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TL1093 and the industry-standard TL431?
    • ⤷ Can you provide a schematic diagram for using this part in a 5V regulated circuit?
    • ⤷ What are the thermal considerations for the SOT-89 package in this device?