TL084L-S14-R
AI

## Overview of the TL084L-S14-R
The **TL084L-S14-R** is a high-speed, quad JFET-input operational amplifier (Op-Amp). It is widely used in applications requiring high input impedance, low input bias currents, and high slew rates.
---
### 1. Key Technical Specifications
| Parameter | Value / Specification |
| :--- | :--- |
| **Number of Channels** | 4 (Quad Op-Amp) |
| **Input Type** | JFET (High Impedance) |
| **Operating Supply Voltage** | ±3V to ±18V (or 6V to 36V single supply) |
| **Slew Rate** | 13 V/µs (Typical) |
| **Gain Bandwidth Product** | 3 MHz |
| **Input Bias Current** | 30 pA (Typical) |
| **Package Type** | SOP-14 (Small Outline Package) |
| **Packaging** | Tape & Reel (indicated by the "-R") |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the specific physical and logistical properties of the component:
* **TL084**: The base model number (Quad JFET Op-Amp family).
* **L**: Often indicates a "Lead-Free" or "Low-power/specific grade" designation depending on the manufacturer (commonly UTC - Unisonic Technologies).
* **S14**: Refers to the **SOP-14** package (14-pin Small Outline Package).
* **R**: Indicates **Tape & Reel** packaging for automated SMT assembly.
---
### 3. Pin Configuration (SOP-14)
The 14-pin layout contains four independent operational amplifiers sharing a single power supply.
| Pin Number | Function | Pin Number | Function |
| :--- | :--- | :--- | :--- |
| 1 | Output 1 | 8 | Output 3 |
| 2 | Inverting Input 1 | 9 | Inverting Input 3 |
| 3 | Non-inverting Input 1 | 10 | Non-inverting Input 3 |
| 4 | **VCC+** (Positive Supply) | 11 | **VCC-** (Negative Supply/GND) |
| 5 | Non-inverting Input 2 | 12 | Non-inverting Input 4 |
| 6 | Inverting Input 2 | 13 | Inverting Input 4 |
| 7 | Output 2 | 14 | Output 4 |
---
### 4. Common Applications
Due to its high input impedance and fast response, this part is ideal for:
1. **Audio Preamplifiers:** Low distortion and high speed for high-fidelity audio processing.
2. **Active Filters:** High-order low-pass, high-pass, or band-pass filters.
3. **Data Acquisition:** Buffering high-impedance sensors.
4. **Integrators:** Taking advantage of the very low input bias current.
---
### 5. Features & Benefits
* **Low Power Consumption:** Efficient for multi-channel designs.
* **Internal Frequency Compensation:** Ensures stability without external capacitors.
* **Latch-Up Free Operation:** Robust against electrical transients.
* **High Input Impedance:** Minimal loading effect on the preceding circuit stages.
- ⤷
What are the main differences between the TL084 and the TL074 series?
- ⤷ Can this Op-Amp be used with a single-sided power supply?
- ⤷ What is the typical power dissipation for the SOP-14 package?