TL082G-S08-R
AI

The **TL082G-S08-R** is a high-speed JFET-input dual operational amplifier (op-amp). It is widely used in applications requiring high input impedance, low bias current, and high slew rates.
### 1. General Specifications
The following table summarizes the key electrical and physical characteristics of the TL082G-S08-R:
| Parameter | Specification |
| :--- | :--- |
| **Part Number Breakdown** | **TL082**: Base Series | **G**: Halogen Free | **S08**: SOP-8 Package | **R**: Tape & Reel |
| **Number of Channels** | 2 (Dual Op-Amp) |
| **Input Type** | JFET (High Impedance) |
| **Supply Voltage (Max)** | ±18V (or 36V single supply) |
| **Slew Rate** | 13 V/µs (Typical) |
| **Gain Bandwidth Product** | 3 MHz |
| **Input Bias Current** | 30 pA (Typical) |
| **Package Type** | SOP-8 (Small Outline Package) |
---
### 2. Key Internal Components & Features
The "Electronic Parts" within the integrated circuit (IC) architecture provide specific advantages:
* **JFET Input Stage:** Unlike standard Bipolar op-amps, the TL082 uses Junction Field-Effect Transistors at the input. This results in extremely low input bias and offset currents, making it ideal for high-impedance sensor interfacing.
* **Internal Frequency Compensation:** The chip includes internal capacitors that ensure stable operation without the need for external compensation components.
* **Output Short-Circuit Protection:** The output stage is designed to handle temporary shorts to ground or supply rails without immediate destruction of the silicon die.
---
### 3. Pin Configuration (SOP-8)
The TL082G-S08-R follows the standard dual op-amp pinout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT 1 | Output of the first amplifier |
| 2 | IN 1- | Inverting input of the first amplifier |
| 3 | IN 1+ | Non-inverting input of the first amplifier |
| 4 | VCC- | Negative power supply |
| 5 | IN 2+ | Non-inverting input of the second amplifier |
| 6 | IN 2- | Inverting input of the second amplifier |
| 7 | OUTPUT 2 | Output of the second amplifier |
| 8 | VCC+ | Positive power supply |
---
### 4. Typical Applications
Due to its high speed and low input bias, this part is commonly found in:
1. **Audio Preamplifiers:** High fidelity and low noise.
2. **Active Filters:** High slew rate allows for processing higher frequency signals.
3. **Sample and Hold Circuits:** Low leakage current due to JFET inputs.
4. **Integrators:** High input impedance prevents capacitor discharge through the input pins.
- ⤷
What are the main differences between the TL082 and the TL072 series?
- ⤷ Can the TL082G-S08-R be used with a single 5V power supply?
- ⤷ What is the thermal resistance rating for the SOP-8 package of this IC?