TL072L-S08-R
AI

### TL072L-S08-R Overview
The **TL072L-S08-R** is a high-speed, dual JFET-input operational amplifier (Op-Amp). It is widely recognized for its low power consumption, high slew rate, and low input bias/offset currents. The "L" suffix typically denotes a low-power or specific lead-free variant, while "S08-R" refers to the package type and tape/reel packaging.
---
### 1. Key Technical Specifications
| Parameter | Typical Value |
| :--- | :--- |
| **Type** | Dual JFET-Input Op-Amp |
| **Supply Voltage (Vcc)** | ±3.5V to ±18V |
| **Input Bias Current** | 30 pA (typical) |
| **Slew Rate** | 13 V/µs |
| **Gain Bandwidth Product** | 3 MHz |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Pinout Configuration (SOP-8)
The TL072L is a dual Op-Amp, meaning it contains two independent amplifiers within a single 8-pin package.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT A | Output of the first amplifier |
| 2 | IN A - | Inverting input of the first amplifier |
| 3 | IN A + | Non-inverting input of the first amplifier |
| 4 | Vcc- | Negative power supply terminal |
| 5 | IN B + | Non-inverting input of the second amplifier |
| 6 | IN B - | Inverting input of the second amplifier |
| 7 | OUTPUT B | Output of the second amplifier |
| 8 | Vcc+ | Positive power supply terminal |
---
### 3. Core Features and Internal Design
* **JFET Inputs:** The use of Junction Field-Effect Transistors at the input stage provides extremely high input impedance. This prevents the Op-Amp from loading down the previous stage of the circuit.
* **Low Harmonic Distortion:** It maintains signal integrity, making it a favorite for audio pre-amplification.
* **Internal Frequency Compensation:** The device is stable for unity-gain applications without needing external capacitors.
* **Latch-Up Free Operation:** The internal design prevents the device from entering a "latch-up" state which could lead to component failure.
---
### 4. Typical Applications
Due to its low noise and high speed, the TL072L-S08-R is commonly found in:
1. **Audio Preamplifiers:** Used in mixers and guitar pedals for clean signal boosting.
2. **Active Filters:** High-pass, low-pass, and band-pass filters where precision is required.
3. **Buffer Amplifiers:** Used to match high-impedance sources to low-impedance loads.
4. **Data Acquisition:** Signal conditioning for sensors.
---
### 5. Part Number Breakdown
* **TL072**: The base model (Dual JFET Op-Amp).
* **L**: Often indicates a specific low-power selection or Lead-Free/RoHS compliance (varies by manufacturer like UTC).
* **S08**: SOP-8 surface mount package.
* **R**: Tape and Reel packaging for automated PCB assembly.
- ⤷
What are the main differences between the TL072 and the TL082?
- ⤷ Can the TL072 be used with a single-sided power supply?
- ⤷ What are the common alternatives to the TL072 for low-noise audio applications?