TL062G-S08-R
AI

### Technical Overview of TL062G-S08-R
The **TL062G-S08-R** is a high-speed, low-power JFET-input dual operational amplifier (Op-Amp) manufactured by UTC (Unisonic Technologies). It is designed for applications where low power consumption and high input impedance are critical.
---
### 1. Key Technical Specifications
The following table highlights the primary electrical characteristics of the device:
| Parameter | Specification |
| :--- | :--- |
| **Op-Amp Type** | JFET-Input Dual Operational Amplifier |
| **Supply Voltage (Vcc)** | ±18V (or 36V single supply) |
| **Power Consumption** | Very Low (approx. 200µA per amplifier) |
| **Input Bias Current** | 30 pA (Typical) |
| **Slew Rate** | 3.5 V/µs |
| **Gain Bandwidth Product** | 1 MHz |
| **Package Type** | SOP-8 (Small Outline Package) |
| **Input Impedance** | $10^{12}\ \Omega$ |
---
### 2. Part Number Breakdown
Understanding the suffix nomenclature helps in identifying the specific variant:
* **TL062**: The base model number (Low power JFET dual Op-Amp).
* **G**: Represents **Halogen-free** and RoHS compliant materials.
* **S08**: Indicates the **SOP-8** package footprint.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
---
### 3. Pin Configuration (SOP-8)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | OUTPUT 1 | Output of the first amplifier |
| 2 | -INPUT 1 | Inverting input of the first amplifier |
| 3 | +INPUT 1 | Non-inverting input of the first amplifier |
| 4 | V- | Negative power supply |
| 5 | +INPUT 2 | Non-inverting input of the second amplifier |
| 6 | -INPUT 2 | Inverting input of the second amplifier |
| 7 | OUTPUT 2 | Output of the second amplifier |
| 8 | V+ | Positive power supply |
---
### 4. Applications & Use Cases
Due to its high input impedance and low current draw, the TL062G is commonly found in:
1. **Battery-Powered Devices:** Handheld multimeters, portable sensors, and remote monitoring equipment.
2. **Audio Preamplifiers:** High-impedance guitar pickups or microphones where signal loading must be minimized.
3. **Active Filters:** Low-pass, high-pass, and band-pass filters requiring precise signal processing.
4. **Buffer Amplifiers:** Isolating high-impedance sources from low-impedance loads.
---
### 5. Implementation Example (Basic Buffer)
Below is a simple code-like representation of how this Op-Amp is used as a voltage follower (Unity Gain):
```circuit
Signal In (+) ----> Pin 3 (+INPUT 1)
Pin 1 (OUTPUT 1) <--- Output Signal
|
|--- Connection to Pin 2 (-INPUT 1)
```
- ⤷What are the main differences between TL062
- ⤷ TL072
- ⤷ and TL082?
- ⤷ Can the TL062G-S08-R be operated with a single 5V power supply?
- ⤷ What is the typical input offset voltage for this specific UTC model?