công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TL034CD

  • AI
    ## Technical Overview of the TL034CD The **TL034CD** is a high-speed, JFET-input operational amplifier (op-amp) manufactured by Texas Instruments. It belongs to the TL03x family, which is designed as an enhanced version of the classic TL06x series, offering lower power consumption and improved DC precision. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the TL034CD: | Parameter | Value / Description | | :--- | :--- | | **Number of Channels** | 4 (Quad Op-Amp) | | **Input Type** | JFET (High Input Impedance) | | **Supply Voltage (Max)** | ±18V (or 36V single supply) | | **Slew Rate** | 5.1 V/µs | | **Gain Bandwidth Product** | 1.1 MHz | | **Input Bias Current** | 2 pA (Typical) | | **Supply Current** | 217 µA per amplifier | | **Package Type** | SOIC-14 (Surface Mount) | --- ### 2. Functional Features * **High Input Impedance:** Because it uses JFET technology at the input stage, it has extremely low input bias and offset currents, making it ideal for high-impedance sensor interfaces. * **Low Power Consumption:** It is optimized for battery-powered applications, consuming significantly less power than standard bipolar op-amps like the LM324. * **Enhanced Precision:** Compared to the TL064, the TL034 offers lower offset voltage and improved stability. * **Output Short-Circuit Protection:** The device includes internal protection to prevent damage if the output is accidentally grounded. --- ### 3. Pinout Configuration (SOIC-14) The TL034CD follows the industry-standard quad op-amp pinout: 1. **Pin 1:** Output 1 2. **Pin 2:** Inverting Input 1 3. **Pin 3:** Non-inverting Input 1 4. **Pin 4:** $V_{CC+}$ (Positive Supply) 5. **Pin 5:** Non-inverting Input 2 6. **Pin 6:** Inverting Input 2 7. **Pin 7:** Output 2 8. **Pin 8:** Output 3 9. **Pin 9:** Inverting Input 3 10. **Pin 10:** Non-inverting Input 3 11. **Pin 11:** $V_{CC-}$ (Negative Supply / Ground) 12. **Pin 12:** Non-inverting Input 4 13. **Pin 13:** Inverting Input 4 14. **Pin 14:** Output 4 --- ### 4. Common Applications * **Signal Conditioning:** Interfacing with high-impedance sensors (e.g., pH probes or Piezoelectric sensors). * **Active Filters:** Designing low-pass, high-pass, or band-pass filters with minimal signal loading. * **Battery-Powered Devices:** Handheld instruments where power efficiency is critical. * **Integrators and Differentiators:** High-precision analog computation circuits. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TL034CD and the TL074CD?
    • ⤷ Can the TL034CD operate on a single-supply voltage?
    • ⤷ How does the JFET input improve performance compared to Bipolar inputs?