công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TIP32CG-TN3-R

  • AI
    The **TIP32CG-TN3-R** is a specific variant of the TIP32C complementary PNP Power Transistor. It is widely used for medium-power switching and amplification applications. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The TIP32C is part of a family of silicon epitaxial-base PNP transistors. The "C" suffix denotes the highest voltage rating in the TIP32 series, making it the most versatile for high-voltage circuits. | Feature | Description | | :--- | :--- | | **Polarity** | PNP | | **Material** | Silicon (Si) | | **Primary Use** | General Purpose Switching & Linear Amplification | | **Complementary Part** | TIP31C (NPN) | --- ### 2. Key Technical Specifications The electrical parameters define the safe operating limits of the component. | Parameter | Symbol | Maximum Rating | | :--- | :--- | :--- | | Collector-Emitter Voltage | $V_{CEO}$ | -100 V | | Collector-Base Voltage | $V_{CBO}$ | -100 V | | Emitter-Base Voltage | $V_{EBO}$ | -5 V | | Continuous Collector Current | $I_C$ | -3 A | | Peak Collector Current | $I_{CP}$ | -5 A | | Base Current | $I_B$ | -1 A | | Total Power Dissipation ($T_C = 25^\circ C$) | $P_D$ | 40 W | | DC Current Gain | $h_{FE}$ | 10 to 50 (at -3A) | --- ### 3. Suffix & Ordering Information Breakdown The specific part number **TIP32CG-TN3-R** contains manufacturer-specific coding (often associated with brands like UTC - Unisonic Technologies): * **TIP32C**: The base model (PNP, 100V, 3A). * **G**: Usually indicates "Halogen Free" or "Green" (RoHS compliant). * **TN3**: Refers to the **TO-252** package (also known as DPAK). This is a surface-mount package. * **R**: Typically stands for "Tape and Reel" packaging for automated assembly. --- ### 4. Pin Configuration (TO-252 / DPAK) When looking at the front of the device (pins pointing down): 1. **Base (B)**: Controls the transistor (Current flows when Base is pulled lower than Emitter). 2. **Collector (C)**: Connected to the load (and the large metal tab for heat dissipation). 3. **Emitter (E)**: Connected to the positive supply in most PNP configurations. --- ### 5. Common Applications * **Switching Regulators**: Used to turn power on/off for medium-current loads. * **Audio Amplifiers**: Often used in the output stage (paired with TIP31C). * **Driver Circuits**: Driving solenoids, relays, or high-power LEDs. * **DC-DC Converters**: Acting as a pass transistor. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the TIP32C and the TIP42C transistors?
    • ⤷ How do I calculate the heat sink requirements for a TIP32CG in a TO-252 package?
    • ⤷ Can you provide a basic circuit diagram for using the TIP32C as a high-side switch?