TG-U3-R
AI

The **TG-U3-R** (often associated with the **TopGreen** or **Vapir** series in vaporizer technology or specific industrial controller modules) refers to a system-on-board that utilizes specific electronic components to manage power, thermal regulation, and user interface.
Below is a breakdown of the typical electronic internal components found in this type of hardware architecture.
### 1. Main Control Unit (MCU)
The brain of the device is usually a 8-bit or 32-bit microcontroller. It manages the logic for temperature presets and safety cut-offs.
| Component | Function |
| :--- | :--- |
| **Logic IC** | Processes input from buttons and controls the display. |
| **EEPROM** | Stores user settings (e.g., last used temperature). |
### 2. Power Management & Charging
Since the TG-U3-R series usually operates on lithium-ion batteries, the charging circuit is critical.
* **Charging IC:** Typically a linear or switching charger (like the TP4056 or similar) that manages the CC/CV (Constant Current/Constant Voltage) charging profile via USB.
* **Protection Circuit (PCM):** Prevents over-charging, over-discharging, and short circuits.
* **Step-Up/Step-Down Converters:** Regulates the battery voltage (3.7V) to a stable operating voltage for the logic (3.3V) or the heating element.
### 3. Thermal Regulation (Heating System)
The most energy-intensive part of the electronics.
* **MOSFET:** Acts as a high-speed electronic switch to pulse power to the heating element (PWM - Pulse Width Modulation).
* **Thermistor (NTC/PTC):** A temperature-sensitive resistor that provides feedback to the MCU to maintain precise heat levels.
* **Heating Element:** Typically a ceramic-encapsulated resistive wire or a metal alloy coil.
### 4. User Interface (UI) Elements
The physical parts that allow human interaction with the internal electronics.
| Part | Description |
| :--- | :--- |
| **OLED/LED Display** | Shows battery life, temperature, and timer. |
| **Tactile Switches** | SMD (Surface Mount Device) buttons for power and adjustment. |
| **Haptic Motor** | (Optional) Provides vibration feedback when the target temperature is reached. |
---
### Technical Specifications Summary
```yaml
Power_Input: 5V DC (via USB-C or Micro-USB)
Battery_Type: Lithium-Polymer or 18650 Li-ion
Temperature_Control: PID Loop (Proportional-Integral-Derivative)
Safety_Features: Auto-shutoff, NTC Open-circuit protection
```
- ⤷
What is the specific battery capacity used in the TG-U3-R?
- ⤷ How do I troubleshoot a 'Check Atomizer' error on this board?
- ⤷ Can the firmware on the TG-U3-R MCU be updated via USB?