công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TG-U1-R

  • AI
    The **TG-U1-R** typically refers to a specific model of a **Universal Wireless Microphone Receiver** (often part of a UHF wireless system). Below is a breakdown of the electronic components and functional blocks typically found in this device. --- ## 1. Internal Electronic Architecture The TG-U1-R is designed to receive Radio Frequency (RF) signals and convert them into clean Audio Frequency (AF) signals. | Component Group | Key Parts | Function | |:---|:---|:---| | **RF Front-End** | BPF (Band Pass Filter), LNA (Low Noise Amplifier) | Filters out interference and amplifies the weak signal from the antenna. | | **Demodulator** | Discriminator IC / PLL Synthesizer | Extracts the audio signal from the UHF carrier wave. | | **Control Unit** | Microcontroller (MCU) | Manages frequency switching, the LED/LCD display, and sync logic. | | **Audio Path** | Op-Amps (e.g., NE5532), De-emphasis circuit | Cleans the audio, removes hiss, and boosts it to line/mic level. | | **Power Management** | Voltage Regulators (7805/7809) | Converts DC input (usually 12V) to stable 5V or 3.3V for internal chips. | --- ## 2. Key Electronic Features ### A. UHF Frequency Synthesis The device uses **Phase-Locked Loop (PLL)** technology. Instead of being fixed to one frequency, the electronic components allow the user to select from multiple channels to avoid local radio interference. ### B. Diversity System Most "R" (Receiver) units utilize dual antennas. The internal electronics feature a **Comparator Circuit** that constantly monitors the signal strength of both antennas and switches to the one with the best reception to prevent "dropouts." ### C. Squelch Control A specialized circuit (often adjustable via a potentiometer or digital menu) that mutes the audio output when the RF signal becomes too weak, preventing loud static bursts. --- ## 3. Connectivity and Interface The rear and front panels consist of specific electronic hardware: * **Antenna Terminals:** Usually BNC or fixed TNC connectors leading to the RF board. * **Audio Outputs:** * **XLR (Balanced):** Uses a transformer or differential op-amp circuit for professional long-cable runs. * **6.35mm (Unbalanced):** Standard TS jack for mixers or amplifiers. * **Display:** Either an LED "Numerical" display or an LCD showing Frequency, AF levels, and RF strength. --- ## 4. Technical Specifications (Typical) ```json { "frequency_range": "UHF 500MHz - 900MHz (Region Dependent)", "modulation": "Broadband FM", "power_supply": "DC 12V-18V / 500mA", "signal_to_noise": ">105dB", "thd": "<0.5% @ 1kHz" } ```
    ✨ Follow-up Questions
    • ⤷ How do I pair the TG-U1-R with its corresponding transmitter?
    • ⤷ What should I do if the receiver shows an RF signal but no audio?
    • ⤷ Can I use multiple TG-U1-R units in the same location simultaneously?