công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TDG1026KC-R6

  • AI
    The **TDG1026KC-R6** is a high-performance **Step-Down (Buck) DC-DC Converter** module, typically utilized in industrial and telecommunications equipment. It is designed to efficiently convert a higher input voltage into a lower, stabilized output voltage. --- ### 1. Key Technical Specifications The following table outlines the core electronic parameters for the TDG1026KC-R6: | Parameter | Specification (Typical) | | :--- | :--- | | **Input Voltage Range** | 18V – 75V DC (Wide Input) | | **Output Voltage** | 12V DC (Standard) | | **Output Current** | 20A – 25A (Model dependent) | | **Efficiency** | Up to 94% | | **Switching Frequency** | 250 kHz – 350 kHz | | **Package Type** | Half-Brick or Quarter-Brick Module | --- ### 2. Major Internal Components The module is comprised of several critical electronic sub-systems: 1. **Power MOSFETs:** High-speed transistors used as the main switches to regulate energy flow. 2. **Synchronous Rectification Logic:** Instead of standard diodes, it uses MOSFETs for rectification to minimize power loss and heat. 3. **Inductor (Choke):** A high-current power inductor that stores energy during the "on" cycle and releases it during the "off" cycle. 4. **PWM Controller:** The "brain" of the module that adjusts the duty cycle of the switches to maintain a constant output voltage despite input fluctuations. 5. **Multi-Layer Ceramic Capacitors (MLCC):** Used for input/output filtering to reduce electromagnetic interference (EMI) and voltage ripple. --- ### 3. Protection Features To ensure the longevity of the connected electronics, the TDG1026KC-R6 integrates several safety mechanisms: * **OTP (Over-Temperature Protection):** Shuts down the module if internal temperatures exceed safe limits. * **OCP (Over-Current Protection):** Limits the output current to prevent damage during a short circuit or overload. * **UVLO (Under-Voltage Lockout):** Prevents the device from starting until the input voltage reaches a minimum stable threshold. --- ### 4. Implementation Example Below is a conceptual representation of how the control pins (Enable/Trim) are interfaced in a circuit: ```cpp // Logic for controlling the DC-DC Module via a Microcontroller void setup() { pinMode(ENABLE_PIN, OUTPUT); } void loop() { if (systemReady) { digitalWrite(ENABLE_PIN, HIGH); // Activate the TDG1026KC-R6 } else { digitalWrite(ENABLE_PIN, LOW); // Shutdown to save power } } ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum thermal operating range for the TDG1026KC-R6?
    • ⤷ Can the output voltage be adjusted using the 'Trim' pin?
    • ⤷ What are the recommended heat sink requirements for this module at full load?