TDA7052AL-S08-R
AI

The **TDA7052AL-S08-R** is a specialized integrated circuit designed primarily for low-voltage audio amplification. It is an enhanced version of the classic TDA7052, featuring a DC volume control.
---
### ## 1. Key Specifications
The following table summarizes the primary electrical characteristics of the TDA7052AL:
| Parameter | Specification |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 3V to 18V |
| **Output Power** | 1.1W (at 6V, 8Ω load) |
| **Voltage Gain** | 35.5 dB (Maximum) |
| **Package Type** | SOP-8 (Surface Mount) |
| **Volume Control Range** | 75 dB |
| **Quiescent Current** | 4 mA (Typical) |
---
### ## 2. Core Functional Features
The TDA7052AL distinguishes itself through several internal mechanisms:
* **DC Volume Control:** Unlike standard amplifiers that require a potentiometer in the signal path, this IC uses a DC voltage (at Pin 4) to control gain. This reduces noise and allows for easy integration with microcontrollers.
* **Bridge-Tied Load (BTL):** It operates in BTL configuration, meaning the load is connected between two amplifier outputs. This provides higher power output at low supply voltages without needing large output coupling capacitors.
* **Short-Circuit Protection:** The device includes internal circuitry to protect against output shorts to ground or supply rails.
* **Missing Current Limiter (MCL):** It features a protection circuit that activates when the difference between the current in the output stages becomes too large.
---
### ## 3. Pin Configuration (SOP-8)
| Pin Number | Symbol | Function |
| :---: | :--- | :--- |
| 1 | VP | Positive Supply Voltage |
| 2 | IN+ | Audio Signal Input |
| 3 | GND | Ground |
| 4 | VC | DC Volume Control Input |
| 5 | OUT+ | Positive Audio Output |
| 6 | GND | Ground (Power) |
| 7 | OUT- | Negative Audio Output |
| 8 | N.C. | Not Connected |
---
### ## 4. Typical Application Circuit
Because it uses BTL and internal gain settings, the external component count is extremely low.
```c
// Concept Diagram of Connections
Input Signal -> [Pin 2]
DC Control Voltage (0-1.4V) -> [Pin 4]
VCC (6V) -> [Pin 1]
Speaker (+) -> [Pin 5]
Speaker (-) -> [Pin 7]
Ground -> [Pin 3 & 6]
```
### ## 5. Ordering Suffix Breakdown (L-S08-R)
* **L:** Lead-free / RoHS compliant.
* **S08:** Indicates the Small Outline Package (SOP-8).
* **R:** Tape & Reel packaging (standard for automated SMT assembly).
---
- ⤷
What is the maximum DC voltage allowed on the volume control pin (Pin 4)?
- ⤷ Can this IC drive a 4-ohm speaker safely at 12V?
- ⤷ How does the BTL output affect the choice of output capacitors?