TCS-NF-R/K
AI

The **TCS-NF-R/K** is a specialized thermal control component, typically used as a **Thermostat** or **Thermal Cut-out Switch** in industrial applications, heating elements, or household appliances. It is designed to interrupt or regulate electrical flow based on temperature thresholds.
---
### 1. Key Electronic Specifications
The performance of the TCS-NF-R/K is defined by its electrical ratings and thermal sensitivity.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Contact Type** | Normally Closed (NC) - Opens on Temp Rise |
| **Rated Voltage** | 125V / 250V AC |
| **Current Rating** | 5A to 16A (Varies by specific sub-model) |
| **Temperature Range** | 50°C to 150°C (Pre-set at factory) |
| **Tolerance** | ±3°C to ±5°C |
| **Reset Type** | Automatic (R) or Manual (K) |
---
### 2. Breakdown of the Model Code
The suffix letters provide critical information about how the electronic circuit behaves:
* **TCS:** Thermal Control Switch series identifier.
* **NF:** Non-Fuse (indicates a bimetallic disc mechanism rather than a one-time thermal fuse).
* **R (Reset):** Denotes an **Automatic Reset**. Once the device cools down below the differential temperature, the contacts close again automatically.
* **K (Keep/Manual):** Denotes a **Manual Reset** (or trip-free). Once the temperature limit is reached, the circuit remains open until a human operator manually pushes a reset button.
---
### 3. Internal Components & Mechanism
The device operates using a **Bimetallic Snap-Action Disc**.
1. **Terminal Pins:** Silver-plated copper or brass connectors for wiring into the main circuit.
2. **Bimetal Disc:** Two bonded metals with different expansion coefficients. At the set temperature, the disc "snaps" its shape.
3. **Actuator Pin:** A ceramic or high-temp plastic rod that transfers the movement of the disc to the electrical contacts.
4. **Contacts:** Usually made of silver alloy to prevent oxidation and ensure low electrical resistance during operation.
---
### 4. Circuit Diagram Logic
In a standard application, the TCS-NF-R/K is wired in series with the load (e.g., a heater).
```mermaid
[Power Source] ---- [TCS-NF-R/K] ---- [Heating Element] ---- [Neutral]
|
(Opens if Temp > X)
```
### 5. Common Applications
* **Safety Overheat Protection:** In coffee makers, water heaters, and microwave ovens.
* **Industrial Equipment:** Protecting motors or power supplies from thermal runaway.
* **HVAC Systems:** Used as a limit switch in furnaces.
---
- ⤷
What is the temperature differential for the automatic reset (R) version?
- ⤷ Can the TCS-NF-R/K be used in DC circuits?
- ⤷ What are the mounting options available for this thermal switch?