công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-N3-R/CE

  • AI
    The **TCS-N3-R/CE** is a high-performance **RFID (Radio Frequency Identification) Reader/Writer Module**. It is commonly used in industrial automation, security systems, and logistics for short-range wireless data identification. --- ### ## Technical Specifications Below are the primary electronic characteristics of the TCS-N3-R/CE module: | Feature | Specification | | :--- | :--- | | **Operating Frequency** | 13.56 MHz (HF - High Frequency) | | **Supported Protocols** | ISO/IEC 14443 Type A/B, ISO 15693 | | **Operating Voltage** | 5V DC (Typical) | | **Communication Interface** | RS-232C, RS-485, or USB (Model dependent) | | **Reading Range** | Up to 100mm (depends on antenna and tag size) | | **Certifications** | CE (European Conformity), RoHS | --- ### ### Key Electronic Components The module is composed of several critical electronic sub-systems: 1. **Microcontroller (MCU):** Acts as the "brain" of the module. it handles the encoding/decoding of signals and manages the communication protocol with the host PC or PLC. 2. **RF Transceiver IC:** Responsible for generating the 13.56 MHz carrier wave and modulating data to be sent to the RFID tag. It also demodulates the weak backscattered signal received from the tag. 3. **Built-in Antenna:** Usually a PCB-trace loop antenna designed to create a magnetic induction field. The "R" in the model name often refers to a specific antenna orientation or integrated reader design. 4. **Signal Conditioning Circuitry:** Includes capacitors and inductors used for impedance matching to ensure maximum power transfer to the antenna and noise filtration. --- ### ### Pinout and Connectivity While specific pinouts can vary by sub-version, a typical RS-232 implementation follows this logic: ```c // Example Pin Mapping for Serial Communication Pin 1: VCC (+5V Power) Pin 2: GND (Ground) Pin 3: TXD (Transmit Data) Pin 4: RXD (Receive Data) Pin 5: SG (Signal Ground) ``` --- ### ### Typical Applications * **Production Line Tracking:** Monitoring work-in-progress (WIP) items. * **Access Control:** Validating ID cards at entry points. * **Automated Guided Vehicles (AGVs):** Reading floor tags for navigation. * **Tool Management:** Tracking high-value assets in a workshop.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the RS-232 and RS-485 versions of this module?
    • ⤷ Does the TCS-N3-R/CE support MIFARE DESFire encryption?
    • ⤷ How do I configure the baud rate for this specific RFID reader?