TCS-7F-R/Q
AI

## Overview of the TCS-7F-R/Q Series
The **TCS-7F-R/Q** refers to a specific series of high-performance **pressure sensors** (transducers), typically manufactured by companies like Nagano Keiki. These are utilized primarily in industrial applications for measuring the pressure of liquids and gases with high accuracy.
---
### 1. Core Electronic Specifications
The "R" and "Q" designations usually refer to specific output signals or connector types within the product line. Below are the typical electronic characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Excitation Voltage** | 12 to 24V DC (typical range) |
| **Output Signal** | 4-20mA DC (Current) or 1-5V DC (Voltage) |
| **Accuracy** | ±0.5% F.S. (Full Scale) or better |
| **Operating Temp** | -20°C to +70°C |
| **Circuit Protection** | Reverse polarity protection & Surge protection |
---
### 2. Key Electronic Components
The device operates using a combination of mechanical sensing and electronic signal conditioning:
1. **Sensing Element (Strain Gauge):**
* Uses a **Stainless Steel Diaphragm** with a sputtered or bonded thin-film strain gauge.
* As pressure is applied, the resistance of the gauge changes (Piezoresistive effect).
2. **Signal Conditioner (ASIC):**
* Converts the minute resistance changes from the bridge circuit into a standardized linear output.
* Performs temperature compensation to ensure readings don't drift as the environment heats up.
3. **EMI/RFI Filtering:**
* Internal capacitors and inductors protect the electronics from electromagnetic interference common in industrial environments.
---
### 3. Wiring and Connection (R/Q Variations)
The suffix in the model number often dictates how the electronic part interfaces with a PLC or Controller:
* **TCS-7F-R:** Often denotes a specific cable lead type or a particular pressure range calibration.
* **TCS-7F-Q:** Often indicates a **Plug-in Connector** (like an M12 or DIN connector) rather than a fixed cable, allowing for easier replacement.
#### Typical 3-Wire Voltage Connection
```python
# Electronic Wiring Logic (1-5V Output)
Pin 1 (Red): Power Supply (+)
Pin 2 (Black): Common/Ground (-)
Pin 3 (White): Signal Output (+)
```
---
### 4. Application Environments
Because of its rugged electronic design, the TCS-7F series is found in:
* Hydraulic machinery control.
* Water treatment pressure monitoring.
* Air conditioning (HVAC) refrigerant monitoring.
* Industrial process automation.
- ⤷
What is the specific pressure range for the R vs Q models?
- ⤷ How do I calibrate the zero point on a TCS-7F sensor?
- ⤷ Are these sensors compatible with corrosive chemical fluids?