TCS-7B-R/CE
AI

The **TCS-7B-R/CE** is a specialized electronic component, typically identified as a **high-frequency, surface-mount (SMD) coaxial switch** or a **RF connector interface** used in telecommunications and signal testing.
These parts are designed for high-density layouts where signal integrity and minimal loss are critical.
---
### 1. Key Technical Specifications
The "R/CE" suffix often denotes specific mechanical variations (like orientation or environmental ratings). Below are the typical electronic characteristics for this series:
| Parameter | Typical Value |
| :--- | :--- |
| **Frequency Range** | DC to 6 GHz (Standard) |
| **Impedance** | 50 Ohms |
| **Insertion Loss** | < 0.2 dB (at 2 GHz) |
| **Voltage Rating** | 250V AC (rms) |
| **Durability** | 500 to 5,000 mating cycles |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Internal Electronic Architecture
The TCS-7B series operates as a **Normally Closed (NC)** mechanical switch.
* **Signal Path:** When no probe is inserted, the internal spring contact bridges the input and output terminals, allowing the signal to pass through the PCB.
* **Switching Mechanism:** Upon insertion of a manual probe or automated test head, the internal contact is physically displaced, breaking the internal circuit and rerouting the signal to the test equipment.
* **Shielding:** The outer shell is grounded to the PCB plane to provide a Faraday cage effect, minimizing Electromagnetic Interference (EMI).
---
### 3. Pinout and PCB Layout
The part typically features a 3-pin or 5-pin configuration for SMD mounting:
```text
PCB Footprint Top View (Conceptual):
[ GND ] [ SIG ] [ GND ]
| | |
+--------+--------+
|
[ Switch Pad ]
```
1. **Signal In/Out:** The central pin carries the RF signal.
2. **Ground (GND):** The side wings or perimeter pads provide mechanical stability and electrical grounding.
3. **Switch Terminal:** The pad that becomes active only when the probe is engaged.
---
### 4. Applications
The TCS-7B-R/CE is found in the following electronic environments:
* **Mobile Handsets:** For antenna tuning and RF path testing.
* **WLAN/Bluetooth Modules:** Quality control during the manufacturing stage.
* **IoT Devices:** Used as a point of entry for measuring Transmit (Tx) and Receive (Rx) power levels.
---
### 5. Part Number Breakdown (Typical)
* **TCS:** Series identifier (RF Switch/Connector).
* **7B:** Physical size/generation (Small form factor).
* **R:** Reeled packaging (for automated pick-and-place machines).
* **CE:** Compliance/Environmental marking (often indicating Lead-Free/RoHS or specific plating).
- ⤷
What is the compatible test probe for the TCS-7B-R/CE connector?
- ⤷ How does the 'CE' suffix affect the soldering profile for this part?
- ⤷ What are the common failure modes for RF coaxial switches in high-frequency circuits?