công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-75-R/BL

  • AI
    The **TCS-75-R/BL** is a specific model within the **TCS series** of high-precision electronic platform scales (often associated with industrial weighing brands like Ohaus or Generic Chinese Industrial manufacturers). This model typically features a 75kg capacity with a remote (R) blue (BL) backlit display. Below is a breakdown of the electronic components and their technical functions. --- ### 1. Main Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | High-precision strain gauge sensor | Converts physical pressure/weight into an analog electrical signal. | | **A/D Converter** | Analog-to-Digital Integrated Circuit | Translates the millivolt signal from the load cell into digital data for the CPU. | | **Microcontroller (MCU)** | Central Processing Unit (Motherboard) | Processes digital data, manages calibration, and controls the display output. | | **LCD/LED Module** | 5-6 digit display with Blue Backlight | Provides the visual readout of weight, unit price, and total price. | | **Power Supply** | AC Adapter + Rechargeable Lead-Acid Battery | Allows the unit to function via wall outlet or internally for portable use. | --- ### 2. Key Circuitry Features #### A. The Load Cell Interface The electronic core starts at the **Wheatstone Bridge** circuit within the load cell. As weight is applied, the resistance changes slightly (usually 2mV/V sensitivity). The electronics must filter out "noise" (vibrations) using digital filters programmed into the MCU. #### B. Display Driver (Blue Backlight) The "BL" in the model number refers to the **Blue Backlight**. - **Electronics:** Uses a series of blue LEDs behind an LCD panel. - **Energy Saving:** The circuit usually includes an "Auto-Off" feature that cuts current to the LEDs after 5–10 seconds of inactivity to preserve battery life. #### C. Power Management Board The TCS-75-R typically includes a charging circuit for a **4V or 6V Lead-Acid battery**. - **Transformer/Rectifier:** Converts 110/220V AC to low-voltage DC. - **Overcharge Protection:** Prevents the battery from swelling or leaking by reducing current once full voltage is reached. --- ### 3. Technical Specifications Summary | Feature | Specification | | :--- | :--- | | **Capacity** | 75 kg | | **Precision Class** | OIML III | | **Excitation Voltage** | 5V DC | | **Signal Input Range** | 0mV ~ 15mV | | **Internal Resolution** | Up to 300,000 counts | | **Operating Temp** | -10°C to +40°C | --- ### 4. Common Maintenance/Repair Points 1. **Low Voltage Error:** Usually caused by a degraded battery or a faulty charging capacitor on the PCB. 2. **Unstable Readings:** Often due to moisture in the load cell junction or a loose wire in the RS-232/Display connector. 3. **Calibration Data Loss:** Related to the **EEPROM** chip on the motherboard failing to retain data after power loss.
    ✨ Follow-up Questions
    • ⤷ How do you calibrate the TCS-75-R scale using the keypad?
    • ⤷ What are the common error codes for this specific scale model?
    • ⤷ Can the load cell in this model be replaced with a 100kg variant?