công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-6E-R/E

  • AI
    The **TCS-6E-R/E** is a specific electronic component, typically categorized as a **Surface Mount (SMD) Tactile Switch** or a connector interface component depending on the specific manufacturer series (commonly associated with parts like those from Hosiden or similar precision component makers). Below is a detailed breakdown of the electronic characteristics and specifications typical for this part number. --- ### 1. General Specifications The TCS series usually refers to high-durability, low-profile switches or connectors designed for compact consumer electronics. | Parameter | Typical Value | | :--- | :--- | | **Component Type** | Tactile Switch / Micro-switch | | **Mounting Type** | Surface Mount (SMD / SMT) | | **Operating Force** | 1.6N to 2.5N (Model dependent) | | **Contact Resistance** | < 100 mΩ | | **Insulation Resistance** | > 100 MΩ at 100V DC | | **Life Cycle** | 50,000 to 100,000 cycles | --- ### 2. Key Electronic Parts & Construction The internal architecture of the TCS-6E-R/E consists of several critical layers that ensure electrical conductivity and tactile feedback: 1. **Actuator (Button):** Usually made of high-temperature plastic (LCP) to withstand reflow soldering temperatures. 2. **Contact Dome:** The "heart" of the part. This is a stainless steel or copper alloy spring that provides the "click" feel and completes the circuit when pressed. 3. **Terminals:** Gold or Silver-plated leads that provide low resistance and high solderability to the PCB. 4. **Housing/Base:** A heat-resistant resin body that holds the internal contacts in place. --- ### 3. Pinout and Circuitry The "E" in the suffix often denotes the specific terminal configuration (e.g., Grounded or Earth pin). * **Circuit Type:** SPST (Single Pole Single Throw) - Normally Open (NO). * **Action:** The circuit is closed only while the button is being depressed (Momentary action). --- ### 4. Technical Drawing Reference (Conceptual) ```text [ Actuator ] _______|______|_______ | | | Base Body | |______________________| | | | | (Terminals) (Ground/E) ``` --- ### 5. Common Applications Due to its small footprint and reliability, this part is found in: * **Consumer Electronics:** Smartphones, tablets, and wearables. * **Peripherals:** Computer mice and portable gaming consoles. * **Industrial:** Interface panels for compact diagnostic tools.
    ✨ Follow-up Questions
    • ⤷ What is the exact datasheet manufacturer for the TCS-6E-R/E?
    • ⤷ Can this component be used in high-temperature automotive environments?
    • ⤷ What are the soldering profile requirements for the R/E variant?