TCS-65-R/E
AI

The **TCS-65-R/E** is a specific series of high-precision Temperature Controlled Soldering stations, often associated with the **Taiyo Electric (Goot)** brand. These units are designed for lead-free soldering and sensitive electronic components.
Below is a detailed breakdown of its electronic components and technical specifications.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Power Consumption** | 65W - 70W (Model dependent) |
| **Temperature Range** | 200°C to 450°C (392°F to 842°F) |
| **Heater Type** | Ceramic Heater with integrated sensor |
| **Voltage** | 110-130V or 220-240V AC |
| **Insulation Resistance** | > 100MΩ |
| **Tip-to-Ground Resistance** | < 2Ω |
---
### 2. Main Electronic Parts & Components
The TCS-65-R/E consists of three primary electronic subsystems: the Control Board, the Heating Element, and the Feedback Loop.
#### A. The Control Board (PCB)
The internal PCB manages the power delivery using **Pulse Width Modulation (PWM)** or Zero-cross switching to maintain a steady temperature.
* **Microcontroller/IC:** Typically utilizes a dedicated temperature control IC to compare the set resistance (user dial) against the actual resistance of the sensor.
* **Triac/Thyristor:** Acts as the electronic switch to pulse power to the heater.
* **Potentiometer:** The physical dial on the handle used to adjust the reference voltage for the desired temperature.
#### B. The Ceramic Heater (The Core)
The "R/E" variant specifically uses a high-output ceramic heater.
* **Material:** Alumina ceramics.
* **Integrated Thermistor:** Unlike cheaper irons, the sensor is embedded directly into the heating element. This allows for "Thermal Recovery," where the iron detects a drop in temperature the moment it touches a cold solder joint and compensates instantly.
#### C. ESD Protection (Electrostatic Discharge)
This unit is designed for working with CMOS and other static-sensitive parts.
* **Grounding Path:** A dedicated wire connects the soldering tip directly to the power plug's ground pin.
* **Leakage Prevention:** High insulation between the heating element and the tip to prevent AC voltage leakage.
---
### 3. Circuit Operation Logic
1. **Setting:** The user turns the dial, changing the resistance on the control circuit.
2. **Detection:** The integrated sensor in the ceramic heater sends a signal (resistance value) back to the PCB.
3. **Comparison:** The control IC compares the "Set" value vs the "Actual" value.
4. **Action:**
* If **Actual < Set**: The Triac stays open longer, sending more current to the heater.
* If **Actual = Set**: The Triac pulses at a low duty cycle to maintain the "idling" temperature.
---
### 4. Spare Parts Identification
If you are performing repairs, these are the most common part numbers/types used:
```json
{
"Heater_Element": "RX-80HR / Specific 65W Ceramic",
"Tips_Series": "RX-80HRT Series (High Heat Capacity)",
"Calibration": "Internal Trimpot (VR1) for fine-tuning offset"
}
```
- ⤷
How do I calibrate the temperature on the TCS-65 if it is off by several degrees?
- ⤷ What are the specific differences between the 'R' and 'E' suffixes in this model?
- ⤷ What are the common failure symptoms of the ceramic heater in this unit?