công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-63-R/K

  • AI
    The **TCS-63-R/K** refers to a high-precision digital electronic weighing scale indicator (often part of a platform scale system). The suffix "R/K" typically denotes specific interface features, such as an **RS-232** serial port (R) and/or a specific **Keypad/Keyboard** configuration (K). Below is a breakdown of the electronic components and technical specifications. --- ### 1. Core Electronic Components The device operates using a combination of analog-to-digital conversion and microprocessor control. | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell (Sensor)** | High-precision strain gauge | Converts mechanical force/weight into a small millivolt (mV) electrical signal. | | **A/D Converter** | 20-bit or 24-bit Sigma-Delta ADC | Converts the analog signal from the load cell into a high-resolution digital value. | | **Microcontroller (MCU)** | 8-bit or 32-bit CPU | Processes the digital data, handles calibration logic, and drives the display. | | **Display Module** | LED or LCD with Backlight | Shows Weight, Unit Price, and Total Price (usually 3 separate windows). | | **Power Management** | AC Transformer & DC Regulator | Converts mains power to stable 5V/6V DC; includes a charging circuit for the battery. | --- ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Accuracy Class** | OIML III | | **Sampling Rate** | 10 - 40 times per second | | **Load Cell Excitation** | DC 5V | | **Communication** | RS-232 Serial Port (for PC/Printer connection) | | **Power Source** | AC 110V/220V or Rechargeable 4V/6Ah Battery | --- ### 3. Key Electronic Features #### A. The RS-232 Interface ("R") The "R" in the model name signifies the inclusion of an RS-232 communication board. This allows the scale to: * Send weight data to a Point of Sale (POS) system. * Connect to an external label printer. * Synchronize with a PC for inventory logging. #### B. Filtering & Stability Digitizing The electronics include a **Digital Filter** setting. Since physical scales are prone to vibration, the software inside the MCU "smooths" the signal so the numbers on the screen do not flicker constantly. #### C. Battery Protection Circuit To prevent damage to the Lead-Acid battery, the PCB includes: * **Low Battery Warning:** The display flashes or shows "LOBAT." * **Auto-Off:** Shuts down the electronics if the voltage drops below a safe threshold (usually ~3.5V for a 4V system). --- ### 4. Typical Wiring Diagram (Load Cell Connection) Most TCS-63 series scales use a 4-wire or 5-wire connection to the main PCB: ```text Pin 1: E+ (Excitation Positive - Red) Pin 2: E- (Excitation Negative - Black) Pin 3: S+ (Signal Positive - Green) Pin 4: S- (Signal Negative - White) Pin 5: GND (Shield - Bare wire) ``` ---
    ✨ Follow-up Questions
    • ⤷How do I calibrate the TCS-63-R/K indicator?
    • ⤷ What are the common error codes for this scale model?
    • ⤷ Can I upgrade the RS-232 port to a wireless Bluetooth connection?