TCS-5Z-R/Q
AI

The **TCS-5Z-R/Q** is a specific series of high-precision, sub-miniature **Quartz Crystal Oscillators**. These components are fundamental in electronics for providing a stable clock signal or frequency reference.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
### 1. Component Overview
The "TCS" series typically refers to Temperature-Compensated Crystal Oscillators (**TCXO**). These parts are designed to maintain frequency stability even when environmental temperatures fluctuate, making them superior to standard passive crystals.
### 2. Technical Specifications
The specific suffix **R/Q** often denotes packaging style (Reel) and specific quality or tolerance grades.
| Parameter | Typical Value / Range |
| :--- | :--- |
| **Nominal Frequency** | Commonly 10MHz, 19.2MHz, 26MHz, or 32MHz |
| **Supply Voltage (Vcc)** | 1.8V to 3.3V DC |
| **Frequency Stability** | ±0.5 ppm to ±2.5 ppm (over temp) |
| **Operating Temperature** | -30°C to +85°C |
| **Output Type** | Clipped Sine Wave or CMOS |
| **Package Size** | Sub-miniature (e.g., 2.5 x 2.0 mm or 2.0 x 1.6 mm) |
| **Load Capacitance** | 10kΩ // 10pF |
---
### 3. Key Internal Electronic Parts
The TCS-5Z-R/Q is an integrated module containing several internal elements:
1. **Quartz Crystal Blank:** The heart of the component, precision-cut to vibrate at a specific frequency.
2. **Compensation IC:** An ASIC (Application Specific Integrated Circuit) that senses temperature changes and adjusts the capacitance to keep the frequency stable.
3. **Varactor Diode:** Used within the circuit to "pull" the frequency slightly to compensate for temperature drift.
4. **Voltage Regulator:** Internal circuitry to ensure small fluctuations in input power don't affect the frequency output.
---
### 4. Typical Applications
Because of its high stability and small footprint, this part is used in:
* **GPS/GNSS Modules:** Precision timing is required for satellite trilateration.
* **Smartphone RF Front-ends:** Ensuring clear signal transmission in LTE/5G.
* **IoT Devices:** Low power consumption for battery-operated wireless sensors.
* **Wearables:** Compact size fits in smartwatches and fitness trackers.
---
### 5. Pin Configuration (Internal Mapping)
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC or Vcont | No Connection or Voltage Control (for VCTCXO) |
| **2** | GND | Ground Connection |
| **3** | Output | Frequency Signal Output |
| **4** | Vcc | Power Supply Input |
- ⤷
What is the difference between a TCXO and a standard Crystal (XO)?
- ⤷ How does the 'Clipped Sine' output differ from a CMOS output in this component?
- ⤷ What are the soldering precautions for sub-miniature quartz parts?