công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-5E-R/CE

  • AI
    The **TCS-5E-R/CE** is a high-precision digital weighing indicator (often used in platform scales or industrial weighing systems). It serves as the "brain" of the scale, converting analog signals from load cells into readable digital weight data. --- ## 1. Core Electronic Components The device consists of several key subsystems that handle signal processing, power management, and user interface. | Component | Function | Description | | :--- | :--- | :--- | | **A/D Converter** | Signal Conversion | High-resolution 24-bit Sigma-Delta converter that translates microvolt signals from load cells to digital values. | | **Microcontroller (MCU)** | Logic Processing | An 8-bit or 32-bit MCU that manages calibration data, unit conversion (kg/lb), and zero-tracking. | | **Load Cell Interface** | Excitation & Input | Provides a stable 5V DC excitation voltage to the load cells and receives the differential mV/V signal. | | **Display Module** | Visualization | Typically features a 6-digit LED (Red) or LCD with backlight for visibility in industrial environments. | | **Power Supply** | Voltage Regulation | Includes a transformer or switching power supply, bridge rectifier, and a 6V/4Ah lead-acid battery charger circuit. | --- ## 2. Technical Specifications Below are the typical electronic operating parameters for this series: * **Accuracy Class:** OIML Class III. * **Input Sensitivity:** 1.5μV/d to 3μV/d. * **Load Cell Excitation:** DC 5V, capable of driving up to 4 x 350Ω load cells. * **Connectivity:** Usually includes an **RS-232** serial port for PC or printer connection. * **Filtering:** Digital filtering algorithms to stabilize weight readings under vibration. --- ## 3. Wiring Configuration The connection between the electronic indicator and the platform is usually handled via a 4-wire or 5-wire shielded cable. ```text Pin 1: Excitation + (Positive Power) Pin 2: Excitation - (Negative Power / Ground) Pin 3: Signal + (Positive Output from Load Cell) Pin 4: Signal - (Negative Output from Load Cell) Pin 5: Shield (Grounding for EMI protection) ``` --- ## 4. Key Electronic Features 1. **EMI/RFI Shielding:** The internal PCB is designed to resist electromagnetic interference from industrial machinery. 2. **Auto-Zero Circuitry:** Automatically compensates for dust or debris accumulation on the scale platform. 3. **Battery Management:** Features low-voltage detection and automatic shut-off to protect the internal battery from deep discharge. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-5E-R/CE indicator?
    • ⤷ What are the common error codes for this specific scale model?
    • ⤷ Can this indicator be integrated with a PLC via Modbus?