TCS-5E-R
AI

The **TCS-5E-R** is a specific model of an electronic component, typically categorized as a **Surface Mount (SMT) Tactile Switch**. These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a momentary "click" or physical feedback when pressed.
---
## 1. Technical Specifications
The following table outlines the typical electrical and physical characteristics of the TCS-5E-R:
| Parameter | Specification |
| :--- | :--- |
| **Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Operating Force** | 160gf to 250gf (typical) |
| **Contact Rating** | 50mA, 12V DC |
| **Contact Resistance** | ≤ 100mΩ |
| **Insulation Resistance** | ≥ 100MΩ (100V DC) |
| **Dielectric Strength** | 250V AC for 1 minute |
| **Travel** | 0.25mm ± 0.1mm |
---
## 2. Component Structure and Materials
The "R" suffix in the part number often refers to **Reel** packaging (Tape & Reel) for automated pick-and-place assembly.
### Internal Parts:
1. **Actuator (Button):** The top part that the user presses. Usually made of high-temperature plastic (LCP or Nylon) to survive reflow soldering.
2. **Contact Dome:** A stainless steel or phosphor bronze spring disk. This is the heart of the switch that creates the "tactile" feel and completes the circuit.
3. **Cover:** A metal plate (often silver-plated) that holds the internal components together.
4. **Base:** A heat-resistant molded resin base containing the fixed terminals.
5. **Terminals:** Silver-plated brass or copper alloy for high conductivity and easy soldering.
---
## 3. Circuit Configuration
Tactile switches like the TCS-5E-R are generally **SPST (Single Pole Single Throw)** and operate in a **Normally Open (NO)** state.
```cpp
// Logic Representation
// State: Idle (OFF) -> Pins are disconnected.
// State: Pressed (ON) -> Pins are shorted/connected.
```
---
## 4. Key Applications
* **Consumer Electronics:** Volume buttons on smartphones, power buttons on tablets.
* **Peripherals:** Computer mouse buttons or keyboard function keys.
* **Industrial:** Reset buttons on PCB controllers.
* **Automotive:** Dashboard controls and key fobs.
- ⤷
What is the maximum reflow soldering temperature for the TCS-5E-R?
- ⤷ How does the 'R' suffix impact the manufacturing process?
- ⤷ Can this switch be used in AC power applications?