công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-54-R/Q

  • AI
    The **TCS-54-R/Q** typically refers to a high-precision digital weighing scale controller or indicator module used in industrial and commercial scales. The "R" or "Q" suffixes often denote specific interface variations (such as RS-232 communication or specific display types). --- ## 1. Core Electronic Components The internal circuitry of the TCS-54-R/Q is designed to convert mechanical force into a digital weight reading. | Component | Function | | :--- | :--- | | **Load Cell Interface** | Connects to the strain gauge; handles the excitation voltage (usually 5V DC). | | **A/D Converter** | A high-resolution Analog-to-Digital converter (often 20-bit or 24-bit) to translate micro-volt signals into data. | | **Microcontroller (MCU)** | The "brain" that processes calibration data, manages the tare function, and controls the display. | | **Power Management** | Regulates incoming AC power or battery power to stable DC levels (3.3V or 5V). | | **EEPROM Chip** | Stores calibration constants and user settings so they aren't lost when powered off. | --- ## 2. Technical Specifications Understanding these electronic parameters is vital for maintenance or replacement: * **Excitation Voltage:** Usually drives the load cell at **DC 5V**. * **Input Sensitivity:** Typically **1.0μV/d to 3.0μV/d**. * **Display Type:** LED (for R-models) or LCD (for Q-models, often with backlighting). * **Communication:** Often includes an **RS-232** port for connecting to a PC or serial printer. * **Keyboard:** Membrane switch matrix (typically 20-24 keys including 0-9, Tare, Zero, and Unit Price). --- ## 3. Wiring Configuration Most TCS-54 indicators follow a standard 4-wire or 5-wire load cell connection protocol: ```text Pin 1: E+ (Excitation Positive / Red) Pin 2: E- (Excitation Negative / Black) Pin 3: S+ (Signal Positive / Green) Pin 4: S- (Signal Negative / White) Pin 5: GND (Shield/Ground) ``` --- ## 4. Troubleshooting Electronic Faults Common electronic issues encountered with this module: 1. **"Err 0" / "L-b":** Low battery voltage; indicates the internal lead-acid battery is below 5.5V. 2. **Unstable Readings:** Often caused by electromagnetic interference (EMI) or a dry solder joint on the A/D converter pins. 3. **No Display:** Check the primary transformer or the voltage regulator (usually an **LM7805** or similar). ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-54-R/Q using the keyboard?
    • ⤷ What are the specific differences between the R and Q versions in terms of output ports?
    • ⤷ Can this controller be integrated with a PLC via Modbus?