công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-52-R/BN

  • AI
    The **TCS-52-R/BN** is a high-performance, shielded 2-wire temperature sensor commonly used in industrial automation, HVAC systems, and thermal management applications. --- ### 1. Technical Specifications The core electronic characteristics of the TCS-52 series typically revolve around its sensing element and environmental protection. | Parameter | Specification | | :--- | :--- | | **Sensing Element** | Typically NTC Thermistor or Pt100/Pt1000 RTD | | **Wiring Configuration** | 2-Wire system | | **Cable Type** | Shielded (BN - Brown/Shielded) | | **Mounting Style** | Ring Terminal (R) / Surface Mount | | **Housing Material** | Nickel-plated Copper or Stainless Steel | | **Operating Temperature** | -40°C to +150°C (standard range) | --- ### 2. Breakdown of the Model Code The part number can be broken down to understand its electronic and physical configuration: * **TCS:** Series designation (Temperature Control Sensor). * **52:** Housing size or specific resistance curve identifier. * **R:** Indicates a **Ring Terminal** interface, designed to be bolted onto a surface for thermal conduction. * **BN:** Refers to the lead wire type—typically **Brown** insulation with a **Shielded** (braided) layer to reduce Electromagnetic Interference (EMI). --- ### 3. Key Electronic Features #### A. Shielding (The "BN" Aspect) The "BN" suffix often indicates a shielded cable. In industrial environments, electrical noise from motors or high-voltage lines can distort the sensor's signal. The shield acts as a Faraday cage, ensuring the resistance reading remains stable and accurate. #### B. Thermal Conductivity The "R" (Ring) design is electronically significant because it minimizes the thermal lag between the target surface and the sensing element. This allows for real-time monitoring of power transistors, heat sinks, or engine blocks. #### C. Resistance-Temperature Curve As a passive component, the TCS-52 functions by changing its internal resistance based on temperature. * If it is an **NTC**, resistance decreases as temperature rises. * If it is an **RTD**, resistance increases linearly as temperature rises. --- ### 4. Common Applications * **Power Electronics:** Monitoring the temperature of IGBT modules or MOSFET heat sinks. * **Battery Management:** Bolted to busbars to monitor cell temperatures. * **HVAC:** Pipe surface temperature sensing.
    ✨ Follow-up Questions
    • ⤷ What is the specific resistance value (Ohms) of the TCS-52-R at 25°C?
    • ⤷ How should the shield wire be grounded to minimize electronic noise?
    • ⤷ Is the TCS-52-R/BN compatible with standard digital thermostats or PLCs?