công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-52-R

  • AI
    The **TCS-52-R** typically refers to a high-precision digital weighing scale controller or indicator, often used in industrial platform scales. These devices integrate analog measurement with digital processing to provide accurate weight readings. ### 1. Key Electronic Components The internal architecture of the TCS-52-R consists of several critical subsystems: | Component | Function | Description | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "Brain" | Processes digital signals, handles calibration data, and manages the display output. | | **A/D Converter** | Signal Conversion | Converts the analog millivolt signal from the load cell into a digital format (usually 20-bit or 24-bit resolution). | | **Load Cell Interface** | Sensor Input | Connects to the strain gauge (Excitation +/- and Signal +/-). It usually operates on a 5V DC excitation. | | **Power Management** | Voltage Regulation | Includes a transformer or switching power supply (AC 220V/110V to DC) and a charging circuit for the internal 4V or 6V lead-acid battery. | | **Display Module** | Output Interface | Typically a high-contrast LED or LCD screen (often with 5 to 6 digits) to show weight, unit price, and total price. | --- ### 2. Circuit Functionality The electronic workflow of the device follows these steps: 1. **Transduction:** The physical weight on the platform bends a **Load Cell**, changing its electrical resistance. 2. **Amplification:** Because the signal is extremely weak (mV), an internal operational amplifier boosts the signal. 3. **Processing:** The MCU applies "Tare" and "Zero" offsets and calculates the final weight based on stored calibration constants. 4. **Communication:** Many TCS-52-R models include an **RS-232** serial port for sending data to a PC or a thermal printer. --- ### 3. Technical Specifications (Electronic) | Feature | Typical Specification | | :--- | :--- | | **Input Sensitivity** | 1.5uV/d to 3uV/d | | **Excitation Voltage** | DC 5V | | **Battery Life** | 30 - 60 hours (depending on backlight usage) | | **Operating Current** | < 500mA | | **Filtering** | Digital filtering settings to stabilize readings against vibration. | --- ### 4. Maintenance & Safety Note When troubleshooting the electronics of a TCS-52-R: * **Calibration Jumper:** There is often a physical jumper or switch on the PCB required to enter "Calibration Mode" to prevent accidental data loss. * **Battery Polarity:** Ensure the Red (+) and Black (-) wires are correctly attached to the battery; reversing them can blow the internal protection fuse or damage the charging IC.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate a TCS-52-R scale if the readings are inaccurate?
    • ⤷ What are the common error codes for this specific controller?
    • ⤷ How do I wire a 4-wire load cell to the TCS-52-R mainboard?