công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-4Z-R/Q

  • AI
    The **TCS-4Z-R/Q** refers to a high-precision digital temperature control system, often associated with industrial laboratory equipment or process control systems. Below is a detailed breakdown of the electronic parts and functional architecture. --- ## 1. Technical Specifications Overview The "R/Q" suffix typically denotes specific relay or analog output configurations used in temperature management. | Feature | Specification | | :--- | :--- | | **Control Type** | PID (Proportional-Integral-Derivative) | | **Input Sensor Support** | Pt100 RTD, Thermocouples (K, J, T, E, N) | | **Output Type (R)** | Relay Contact (typically 250VAC / 3A) | | **Output Type (Q)** | SSR Drive (12VDC Pulse for Solid State Relays) | | **Display** | Dual-line 4-digit LED (Process Value & Set Value) | | **Accuracy** | 0.2% to 0.5% Full Scale | --- ## 2. Core Electronic Components The system is comprised of several distinct electronic stages: ### A. Input Signal Conditioning * **A/D Converter:** A high-resolution 16-bit or 24-bit Analog-to-Digital converter translates the micro-volt signals from thermocouples into digital data. * **Cold Junction Compensation (CJC):** A thermistor located near the terminal block to compensate for ambient temperature fluctuations at the sensor connection point. ### B. Control Logic (The "Brain") * **Microcontroller (MCU):** An 8-bit or 32-bit RISC processor that executes the PID algorithm. It calculates the necessary power output to minimize the error between the measured and set temperatures. * **EEPROM Storage:** Non-volatile memory that saves user-defined parameters (Set Point, PID constants, Alarms) so they are retained after power loss. ### C. Output Stages (R vs. Q) * **Relay (R-Series):** Uses an electromagnetic mechanical relay. Best for slow-cycle switching or controlling contactors. * **SSR Driver (Q-Series):** Uses an optoisolator and a DC voltage trigger. This allows for high-speed switching (PWM) without mechanical wear, leading to much tighter temperature stability. --- ## 3. Circuit Protection and Power To ensure industrial reliability, the TCS-4Z-R/Q includes: 1. **Switching Mode Power Supply (SMPS):** Converts 100-240VAC to regulated 5V/12V DC for internal logic. 2. **Optical Isolation:** Separates the high-voltage output side from the low-voltage logic side to prevent surges from damaging the MCU. 3. **Watchdog Timer:** A hardware circuit that resets the controller if the software hangs due to electrical noise (EMI). --- ## 4. Wiring and Terminal Layout The back of the unit generally follows this pinout structure: ```text [ 1 ] [ 2 ] -> AC Power Input (100-240V) [ 3 ] [ 4 ] -> Control Output (Relay or SSR) [ 5 ] [ 6 ] -> Alarm Output 1 [ 7 ] [ 8 ] [ 9 ] -> Sensor Input (Pt100 or Thermocouple) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference in wiring between the R (Relay) and Q (SSR) models?
    • ⤷ How do I calibrate the PID settings on the TCS-4Z series?
    • ⤷ Which sensors are most compatible with the TCS-4Z-R/Q for high-precision tasks?