công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-4E-R/Q

  • AI
    The **TCS-4E-R/Q** typically refers to a high-precision digital temperature control system or sensor interface module, often used in industrial or laboratory environments. Below is a breakdown of its core electronic parts and functional architecture. --- ### 1. Core Component Breakdown The device is composed of several functional electronic subsystems: | Component Category | Description | Common Parts used | | :--- | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes sensor logic and PID control algorithms. | ARM Cortex or 8051-based ICs | | **ADC (Analog-to-Digital)** | Converts the analog signal from the temperature probe into digital data. | 24-bit High-resolution ADCs | | **Output Relays** | The "R" in the suffix usually denotes a Relay output for switching heaters. | Electromechanical or Solid State Relays | | **Voltage Regulators** | Converts input power to stable internal voltages (5V, 3.3V). | LDOs or Switching Regulators | | **Display Interface** | Drivers for the LED/LCD panel that shows current temperature. | 7-segment drivers or I2C LCD chips | --- ### 2. Functional Electronic Circuits #### A. Sensing Circuit (Input) The "4E" designation often relates to the number of input channels or the type of sensor compatibility (e.g., PT100 or Thermocouples). * **Bridge Circuit:** Uses high-precision resistors to detect minute changes in resistance from a PT100 probe. * **Filtering:** Includes RC low-pass filters to remove electromagnetic interference (EMI) from the sensor lines. #### B. Control & Logic (Processing) The system uses **PID (Proportional-Integral-Derivative)** control logic. * **EEPROM:** A memory chip stores the user’s setpoints and calibration data so they aren't lost when power is turned off. * **Oscillator:** A crystal oscillator provides the clock timing for the MCU to ensure accurate sampling rates. #### C. Power & Isolation * **Optocouplers:** These are used to provide galvanic isolation between the low-voltage control logic and the high-voltage relay/output side. This protects the sensitive electronics from power surges. * **Flyback Diode:** Placed across the relay coil to prevent back-EMF spikes when the relay switches off. --- ### 3. Suffix Identification (R/Q) In electronic part numbering for these controllers: * **R (Relay):** Indicates the unit uses a mechanical relay output. It provides a dry contact closure suitable for low-frequency switching. * **Q (Voltage/SSR Pulse):** Indicates a logic voltage output (typically 12VDC). This is designed to trigger an external **Solid State Relay (SSR)** for high-speed PWM (Pulse Width Modulation) control. --- ### 4. Technical Specifications Summary | Feature | Specification (Typical) | | :--- | :--- | | **Input Type** | PT100, K-Type, or J-Type Thermocouple | | **Accuracy** | ±0.1% to 0.3% of Full Scale | | **Power Supply** | 100-240V AC or 24V DC | | **Sampling Cycle** | ~100ms to 500ms |
    ✨ Follow-up Questions
    • ⤷ What is the difference between the PID and On/Off control modes in this unit?
    • ⤷ How do I wire a PT100 sensor to the TCS-4E terminal block?
    • ⤷ Can the Q-type output handle a direct 10A heater load?