TCS-4B-R/BL
AI

The **TCS-4B-R/BL** refers to a specific series of illuminated tactile switches, commonly manufactured by components suppliers like **CIT Relay & Switch**. These components are widely used in control panels, instrumentation, and audio/video equipment.
Below is the technical breakdown of its electronic parts and specifications.
---
### 1. Component Identification
The model number can be decoded as follows:
* **TCS**: Tactile Control Switch series.
* **4B**: Designates the physical size and button style (usually a square or rectangular plunger).
* **R/BL**: Indicates the dual-LED or specific color configuration (Red/Blue).
### 2. Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Switch Action** | Momentary, SPST (Single Pole Single Throw) |
| **Contact Rating** | 50mA @ 12VDC |
| **Contact Resistance** | < 100mΩ |
| **Operating Force** | Typically 160gf or 260gf (depending on specific sub-model) |
| **Travel distance** | 0.25mm ± 0.1mm |
| **Operating Life** | ~500,000 to 1,000,000 cycles |
---
### 3. Key Electronic Parts & Materials
#### A. The Internal Contact System
* **Contact Dome:** Usually made of stainless steel with silver plating. This provides the "tactile" click feel and completes the circuit when pressed.
* **Terminals:** Brass or copper alloy with silver or gold plating to ensure high conductivity and prevent oxidation during soldering.
#### B. The Illumination System (LEDs)
* **Integrated LEDs:** The "R/BL" indicates integrated Light Emitting Diodes (Red and Blue).
* **Common Anode/Cathode:** These switches often share a common pin for the LEDs to save space on the PCB.
* **LED Voltage:** Typically requires 2.0V for Red and 3.3V for Blue. *Note: External resistors are required to prevent burnout.*
#### C. Housing and Actuator
* **Base:** High-temperature thermoplastic (LCP or PBT) designed to withstand wave soldering or reflow temperatures.
* **Actuator (Plunger):** Polycarbonate (PC), often translucent to allow the LED light to diffuse evenly through the button cap.
---
### 4. Circuit Diagram Representation
The switch effectively functions as two separate circuits housed in one body:
1. **The Switch Circuit:** Two pins that close the loop when the button is depressed.
2. **The LED Circuit:** Independent pins (Anode/Cathode) to power the Red and Blue lights.
```text
[ Pin 1 ] ----\ ---- [ Pin 2 ] (Switch Contact)
[ Pin 3 ] ----(R)---- [ Pin 5 ] (Red LED +/ -)
[ Pin 4 ] ----(B)---- [ Pin 5 ] (Blue LED +/ -)
```
---
- ⤷
What are the resistor values needed to use this switch with a 5V power supply?
- ⤷ Can this switch be used in surface mount (SMT) or through-hole (THT) configurations?
- ⤷ How do I wire the dual LEDs to show a third color like Purple?