công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-41-R/K

  • AI
    The **TCS-41-R/K** is a high-precision, industrial-grade **Thermoelectric Temperature Controller** (often utilized in Peltier cooling/heating systems). It is designed to drive thermoelectric modules (TEMs) with high stability and integrated safety features. --- ## 1. Core Specifications & Functionality The TCS-41 series focuses on high-resolution temperature control for laser diodes, sensors, or laboratory equipment. | Feature | Specification (Typical) | | :--- | :--- | | **Control Type** | Bipolar (Heating & Cooling) | | **Current Output** | Up to 4A (Model dependent) | | **Voltage Range** | 12V - 24V DC | | **Temperature Sensor** | NTC Thermistor (10kΩ typical) or PT100/PT1000 | | **Stability** | ±0.01°C to ±0.001°C | | **Communication** | RS-232 or RS-485 (K model often denotes communication interface) | --- ## 2. Key Electronic Subsystems ### A. H-Bridge Drive Circuit The "R/K" variants typically utilize an **H-Bridge** output stage. This allows the controller to reverse the direction of current flow through the Peltier element, enabling seamless transitions between cooling and heating modes without mechanical relays. ### B. PID Control Loop The internal microprocessor runs a **Proportional-Integral-Derivative (PID)** algorithm. * **P (Proportional):** Reacts to the current error. * **I (Integral):** Eliminates steady-state offset. * **D (Derivative):** Predicts future error to prevent overshoot. ### C. Feedback Interface The device contains high-precision ADC (Analog-to-Digital Converter) channels to read resistance from temperature sensors. The **"R"** in the part number often refers to the **Resistance-based** input sensitivity or specific calibration for thermistors. --- ## 3. Connector Pinout Overview *Most TCS-41 units use a multi-pin header (e.g., Molex or D-Sub) for connections:* 1. **TEC+/TEC-:** The power output leads to the Thermoelectric Cooler. 2. **Therm+/Therm-:** The input leads for the temperature sensor. 3. **VCC/GND:** DC Power supply input. 4. **ITEC/VTEC:** Analog monitor outputs for observing current and voltage. --- ## 4. Protection Mechanisms To protect both the controller and the expensive components it cools (like laser diodes), the TCS-41 includes: * **Current Limiting:** Prevents the TEC from drawing more power than it can dissipate. * **Voltage Limiting:** Prevents dielectric breakdown in the TEM. * **Open/Short Circuit Detection:** Shuts down if the sensor or Peltier module fails. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the 'R' and 'K' suffix in this specific model series?
    • ⤷ How do I tune the PID settings for a TCS-41-R controller?
    • ⤷ Which NTC thermistor B-value is recommended for the TCS-41-R?