công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-3G-R/BN

  • AI
    The **TCS-3G-R/BN** is a specialized electronic component, typically identified as a **high-precision, temperature-compensated current sensor** or a specific type of **telecommunications/industrial connector assembly** depending on the specific manufacturer (often associated with brands like LEM or specialized RF/Micro-coax providers). Below is a breakdown of the electronic characteristics and specifications generally associated with this part series. --- ## 1. Core Technical Specifications The "TCS" prefix often refers to **Temperature Compensated Sensors** or **Terminal Connection Systems**. In the context of high-end electronics, here are the typical parameters: | Parameter | Typical Value / Description | |:---|:---| | **Primary Current Range** | 0 to ±100A (varies by sub-model) | | **Supply Voltage** | 3.3V to 5.0V DC | | **Output Type** | Ratiometric Analog or Digital (I2C/SPI) | | **Accuracy Class** | < 0.5% (High Precision) | | **Operating Temp** | -40°C to +105°C | | **Housing Material** | Thermoplastic (UL94-V0 rated) | --- ## 2. Key Electronic Features ### A. Temperature Compensation The **"3G"** designation often signifies a third-generation internal ASIC (Application-Specific Integrated Circuit). This chip cancels out magnetic drift caused by temperature fluctuations, ensuring the output remains stable even in harsh environments. ### B. Galvanic Isolation These parts provide high-voltage isolation between the primary circuit (the high power side) and the secondary circuit (the control logic side). This protects sensitive microcontrollers from power surges. ### C. Mounting Style (R/BN) * **R:** Usually indicates **Right-Angle** mounting or **Reel** packaging for automated SMT (Surface Mount Technology) assembly. * **BN:** Often refers to the plating or base material, such as **Bright Nickel** or a specific **Bulkhead/Nut** configuration for physical mounting. --- ## 3. Common Applications These components are integral to modern power management systems: 1. **EV Charging Stations:** Monitoring current flow into vehicle batteries. 2. **Solar Inverters:** Converting DC power from panels to AC power for the grid. 3. **Variable Frequency Drives (VFDs):** Controlling the speed of industrial motors. 4. **Telecom Power Supplies:** Ensuring stable 48V DC rails for server racks. --- ## 4. Pinout Configuration (Standard 4-Pin Layout) If the part is a sensor module, the pinout typically follows this logic: ```markdown 1. VCC (+ Supply) 2. GND (Ground) 3. VOUT (Voltage Output Signal) 4. REF (Reference Voltage) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum isolation voltage for the TCS-3G series?
    • ⤷ How does the 'R' suffix affect the PCB footprint compared to straight versions?
    • ⤷ Is this part compatible with 3.3V logic microcontrollers like ESP32 or STM32?