TCS-3D-R/E
AI

The **TCS-3D-R/E** is a specific model within the series of high-precision electronic scale components, typically associated with industrial weighing platforms or digital crane scales. These devices integrate sensor technology with digital processing units to provide accurate weight measurements.
---
### 1. Key Electronic Component Breakdown
The electronics of the TCS-3D-R/E can be categorized into four primary modules:
| Component Module | Description | Function |
| :--- | :--- | :--- |
| **Load Cell (Sensor)** | High-precision strain gauge bridge. | Converts physical pressure/tension into a low-voltage analog signal (mV). |
| **A/D Converter** | High-resolution Analog-to-Digital IC. | Converts the weak analog signals from the load cell into digital data. |
| **Microcontroller (MCU)** | Central processing unit (8-bit or 32-bit). | Processes algorithms for taring, zeroing, and unit conversion (kg/lb). |
| **Display Module** | LED or LCD with backlight. | Provides the visual interface for the user to read measurements. |
---
### 2. Technical Specifications (Electronic)
The "R/E" suffix usually denotes specific electronic features, such as **Remote control (R)** and **Enhanced/Electronic (E)** display capabilities.
* **Excitation Voltage:** Typically 5V DC supplied to the load cell.
* **Power Supply:** Often dual-powered via a 6V Lead-Acid rechargeable battery and a DC Power Adapter (9V/12V).
* **Signal Input Range:** 0mV to 15mV.
* **Internal Resolution:** Usually up to 1/300,000 for high precision.
* **Communication Interface:** Many models feature an **RS-232** port for connecting to PCs or thermal printers.
---
### 3. Circuit Protection Features
To ensure durability in industrial environments, the TCS-3D-R/E electronics include:
1. **Overload Protection:** A mechanical and electronic stop to prevent damage to the load cell if the weight exceeds the rated capacity (e.g., 300kg).
2. **Low Battery Indicator:** A circuit that monitors battery voltage and triggers a "Lo" warning on the display.
3. **EMI/RFI Shielding:** The internal PCB is often shielded to prevent interference from mobile phones or industrial machinery.
---
### 4. Basic Wiring Diagram Logic
```mermaid
graph LR
A[Load Cell] -->|Analog mV| B[A/D Converter]
B -->|Digital Signal| C[MCU / Processor]
D[Power Supply/Battery] --> C
C --> E[LED/LCD Display]
C --> F[RS-232/Printer Port]
```
---
- ⤷
How do I calibrate the TCS-3D-R/E electronic scale?
- ⤷ What are the common error codes for this specific model?
- ⤷ Can the RS-232 port be used to log data directly into Excel?