công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-3A-R/Q

  • AI
    The **TCS-3A-R/Q** is a specific series of high-precision, low-profile **Surface Mount (SMT) Trimmer Capacitors**. These components are primarily used in high-frequency circuits where fine-tuning of capacitance is required after the assembly process. ### 1. Technical Specifications Overview The "R/Q" designation usually refers to the color-coding and capacitance range of the specific model within the TCS series. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Ceramic Trimmer Capacitor | | **Mounting Style** | Surface Mount Device (SMD/SMT) | | **Capacitance Range** | Typically ranges from 2.0pF to 10.0pF (depending on R/Q sub-type) | | **Voltage Rating** | Usually 25V DC to 100V DC | | **Operating Temperature** | -25°C to +85°C | | **Rotation Angle** | 360° (Continuous) | --- ### 2. Physical Characteristics The TCS-3A series is designed for miniaturized electronic devices where board space is at a premium. * **Miniature Size:** Occupies a very small footprint (often around 3.2 x 4.5 mm). * **Color Coding:** The "R" or "Q" suffix often corresponds to the color of the rotor or housing, which identifies the capacitance range at a glance (e.g., Red, Blue, or White). * **Construction:** Consists of a ceramic dielectric body, a stator electrode, and a rotating metallic rotor that adjusts the overlapping area to change capacitance. --- ### 3. Key Electronic Functions The TCS-3A-R/Q serves several critical roles in RF (Radio Frequency) and precision circuits: 1. **Frequency Tuning:** Used in LC (Inductor-Capacitor) circuits to set the exact resonant frequency of an oscillator or filter. 2. **Impedance Matching:** Helps match the impedance between different stages of an RF amplifier to maximize power transfer. 3. **Crystal Compensation:** Fine-tunes the load capacitance for quartz crystals to ensure the clock frequency is perfectly accurate. --- ### 4. Applications These parts are commonly found in: * **Mobile Communication:** Cellular phones and pagers. * **Remote Controls:** Keyless entry systems and garage door openers. * **Test Equipment:** Oscilloscopes and signal generators. * **Wireless Modules:** Bluetooth or Wi-Fi transmitter/receiver circuits. --- ### 5. Handling and Soldering | Aspect | Precaution | | :--- | :--- | | **Soldering** | Supports Reflow Soldering; manual soldering requires a fine-tip iron to avoid melting the plastic/ceramic housing. | | **Adjustment** | Requires a non-conductive (ceramic or plastic) tuning tool to prevent electrical interference during adjustment. | | **Cleaning** | Care must be taken with ultrasonic cleaning to prevent fluids from entering the internal mechanism. |
    ✨ Follow-up Questions
    • ⤷What are the specific capacitance values for the 'R' vs 'Q' color codes?
    • ⤷ How do I choose between a ceramic trimmer and a film trimmer capacitor?
    • ⤷ What are the common failure modes for SMT trimmer capacitors?