công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • TCS-31-R/CE

  • AI
    The **TCS-31-R/CE** is a specialized electronic component typically used in telecommunications and networking equipment, specifically associated with high-precision clock distribution and synchronization modules. Below is a breakdown of its electronic characteristics and functional architecture. --- ### 1. Functional Overview The TCS-31-R/CE is often part of a **Timing and Control System**. It acts as a slave or redundant clock unit designed to ensure that network nodes maintain synchronized bitrates across high-speed data transmissions. ### 2. Core Electronic Components The internal circuitry of such a module generally consists of the following key electronic stages: | Component Category | Description | | :--- | :--- | | **OCXO / TCXO** | Oven-Controlled or Temperature-Compensated Crystal Oscillators that provide the high-stability reference frequency. | | **Phase-Locked Loop (PLL)** | Electronic circuits that "lock" the output frequency to an external reference (like GPS or an Atomic clock). | | **Logic Gates & FPGA** | Field Programmable Gate Arrays are used to manage the switching between redundant inputs (the "R" in the part number often signifies redundancy). | | **Voltage Regulators** | Precision Low-Dropout (LDO) regulators to ensure clean power with minimal phase noise. | --- ### 3. Technical Specifications (Typical) While specific data sheets can vary by manufacturer (often related to companies like *ZTE* or *Alcatel-Lucent* infrastructure), the standard parameters include: * **Input Voltage:** Usually standard DC rails (e.g., -48V for telecom or 3.3V/5V internal). * **Interface Type:** R-CE variants often utilize specialized backplane connectors for integration into a chassis. * **Synchronization Protocols:** Support for ITU-T standards (G.813 or G.823) for jitter and wander tolerance. * **Redundancy:** The "R" indicates a redundant design, allowing for "hot-standby" modes where a secondary unit takes over if the primary fails. ### 4. Application Context These parts are found in: 1. **SDH/SONET Equipment:** Maintaining timing for synchronous digital hierarchy. 2. **Base Stations (4G/5G):** Ensuring cell towers are synced to prevent handoff drops. 3. **Core Switches:** Managing data flow timing in large-scale data centers. --- ### 5. Pinout and Integration Example In a typical system integration, the electronic interface would look like this: ```cpp // Pseudocode logic for the Redundancy Control within the TCS unit if (primary_clock_signal == LOST || jitter > THRESHOLD) { switch_to_redundant_unit(TCS_31_R_CE); trigger_alarm(SNMP_TRAP_CRITICAL); } ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between the R and CE suffixes in this specific module?
    • ⤷ Which manufacturers typically produce the TCS-31-R/CE timing cards?
    • ⤷ How do I troubleshoot a synchronization failure on a TCS-31 series board?